MHO+77FCG-R
AI

The **MHO+77FCG-R** is a specific part number typically associated with **MHO+ Series Crystal Oscillators** manufactured by companies like MtronPTI. These are high-performance frequency control components used in various electronic timing circuits.
---
## Technical Specifications
Based on the standard nomenclature for this series, here are the electronic characteristics:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Component Type** | XO (Crystal Oscillator) | An active oscillator that provides a steady clock signal. |
| **Package Style** | 14-pin DIP (Full Size) | A metal "can" package providing superior shielding. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and standard TTL logic. |
| **Operating Voltage** | 5.0V (Typical) | Standard power supply requirement for the MHO series. |
| **Frequency Range** | 1.0 MHz to 150.0 MHz | Depends on the specific custom frequency requested. |
| **RoHS Status** | Compliant (-R suffix) | The "R" indicates the part is lead-free and RoHS compliant. |
---
## Breakdown of Part Number Codes
The alphanumeric string defines the physical and electrical constraints:
1. **MHO+**: Refers to the product series (High-performance 5.0V HCMOS/TTL oscillators).
2. **7**: Indicates the frequency stability (typically $\pm 25$ ppm or $\pm 50$ ppm depending on the datasheet revision).
3. **7**: Represents the operating temperature range (often $-40^\circ \text{C}$ to $+85^\circ \text{C}$ for industrial grade).
4. **F**: Refers to the Symmetry/Duty Cycle (usually 45/55%).
5. **CG**: Specific internal manufacturing or output configuration codes.
6. **-R**: RoHS Compliant.
---
## Key Features & Applications
### Features
* **Hermetically Sealed:** The metal package is vacuum-sealed or filled with inert gas to protect the quartz crystal from moisture and aging.
* **Low Jitter:** Designed for precise timing in data communication.
* **Tri-state Functionality:** Often includes an Enable/Disable pin to save power or allow bus-sharing.
### Common Applications
* **Networking:** Routers, switches, and modems.
* **Industrial Control:** PLCs and embedded system clocks.
* **Legacy Computing:** Motherboards or expansion cards requiring 5V logic signals.
* **Test Equipment:** Signal generators and frequency counters.
---
## Basic Connection Diagram
The device is a 4-pin active component housed in a 14-pin footprint (only 4 pins are usually present).
```text
Pin 1: N/C or Tri-state Enable
Pin 7: Ground (Case)
Pin 8: Output Signal
Pin 14: Vcc (+5.0V)
```
- ⤷
What is the exact frequency of the MHO+77FCG-R in your specific application?
- ⤷ How does an HCMOS output compare to a Clipped Sine Wave output?
- ⤷ Can this oscillator be used in a 3.3V circuit safely?