MHO+78FCD-R
AI

Based on the part number provided, the **MHO+78FCD-R** refers to a high-precision, industrial-grade **Crystal Oscillator** (often integrated into clocking circuits). These components are manufactured by companies like **MtronPTI**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The alphanumeric code describes specific electrical and physical traits:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - "Full Size" |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Supply** | Typically 5.0V (Standard for the MHO series) |
| **RoHS Status** | The suffix **-R** indicates RoHS Compliance (Lead-Free) |
| **Stability** | Usually ranges from ±25ppm to ±100ppm depending on exact sub-grade |
---
## 2. Pin Configuration (Internal Architecture)
Though it sits in a 14-pin footprint, usually only 4 pins are electrically active:
1. **Pin 1 (NC/Tri-state):** No connection or Output Enable/Disable.
2. **Pin 7 (GND):** Case and Circuit Ground.
3. **Pin 8 (Output):** The generated frequency square wave.
4. **Pin 14 (Vcc):** Positive Power Supply (+5V).
---
## 3. Key Electronic Features
### Frequency Generation
This part uses a quartz crystal slab cut at a specific angle (usually AT-cut) to provide a stable resonant frequency. This frequency is then amplified and buffered internally to provide a clean digital clock signal.
### Logic Compatibility
* **CMOS/TTL:** It is designed to interface directly with microprocessors and digital logic gates (74-series or 4000-series) without needing additional level-shifting components.
* **Duty Cycle:** Typically maintains a 40/60% or 45/55% symmetry, ensuring reliable timing for flip-flops and CPUs.
### Environmental Durability
The **MHO+** series is known for being hermetically sealed in a metal "can." This protects the internal quartz from:
* Atmospheric moisture.
* Electromagnetic Interference (EMI).
* Oxidation of internal contacts.
---
## 4. Common Applications
* **Legacy Computing:** Providing the master clock for older CPU architectures.
* **Industrial Controllers:** Timing for PLCs (Programmable Logic Controllers).
* **Embedded Systems:** Base frequency generation for communication protocols (UART, SPI).
* **Test Equipment:** Signal generators and frequency counters.
- ⤷
What is the exact output frequency of the 78FCD variant?
- ⤷ Can this oscillator be used in a 3.3V system without a level shifter?
- ⤷ What are the common failure modes for hermetically sealed oscillators?