MHO311FAG-R
AI

The **MHO311FAG-R** is a specific electronic component, typically categorized as a high-frequency **Surface Mount Device (SMD) Crystal Oscillator**. These components are critical for providing precise timing signals in telecommunications and networking hardware.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics associated with this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 3.3V or 5.0V (Variant dependent) |
| **Frequency Range** | 1.0 MHz to 100+ MHz |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±25ppm to ±100ppm |
---
## 2. Key Internal Electronic Parts
The MHO311 series is an "active" oscillator, meaning it contains integrated circuitry beyond just the quartz crystal.
### A. Synthetic Quartz Crystal
The heart of the component. It is precision-cut to a specific thickness to vibrate at a designated frequency when an electrical field is applied (the **Piezoelectric Effect**).
### B. Oscillator IC (Integrated Circuit)
Unlike a "passive" crystal (2-pin), this "active" oscillator (4-pin or 6-pin) includes a built-in CMOS IC. This IC handles:
* **Amplification:** Sustaining the oscillation of the crystal.
* **Output Buffering:** Ensuring the clock signal is strong enough to drive other components on the PCB without degrading.
### C. Internal Capacitors
Small ceramic capacitors are integrated inside the metal housing to provide "load capacitance," ensuring the crystal oscillates at the exact intended frequency without needing external tuning components.
---
## 3. Physical Construction
The **"R"** in the suffix often denotes **RoHS Compliance** (Lead-free) or specific **Tape & Reel** packaging for automated assembly.
1. **Hermetic Seal:** The internal parts are housed in a metal or ceramic casing filled with nitrogen to prevent oxidation and ensure long-term frequency stability.
2. **Gold-Plated Pads:** The underside features gold-plated contact points for high-quality soldering and conductivity.
---
## 4. Typical Applications
* **Networking:** Routers, switches, and modems.
* **Computing:** Motherboards and peripheral controllers.
* **Industrial:** PLCs and automation sensors requiring stable timing.
- ⤷
What is the exact frequency rating for the MHO311FAG-R variant?
- ⤷ How does an active oscillator differ from a passive quartz crystal in a circuit design?
- ⤷ What are the pinout configurations for the MHO series package?