MHO326FAG-R
AI

The **MHO326FAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) High-Frequency Crystal Oscillator** or a specialized **Clock Generator Module**. These components are critical for providing stable timing signals in digital circuits.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Key Technical Specifications
While specific data can vary slightly by manufacturer (often associated with brands like **MtronPTI**), the "MHO" series generally follows these parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Type** | 14-pin DIP or SMD (FAG-R often denotes SMD) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | 3.3V or 5.0V (Standard) |
| **Frequency Range** | Typically 1.0 MHz to 100+ MHz |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
### 2. Functional Components
The MHO326FAG-R is an integrated solution consisting of several internal parts:
* **Quartz Crystal:** The heart of the component, which vibrates at a precise frequency when voltage is applied (the piezoelectric effect).
* **Oscillator IC:** An internal integrated circuit that amplifies the signal from the crystal and maintains the oscillation.
* **Load Capacitors:** Internal capacitors tuned to ensure the crystal oscillates at the correct load capacitance ($C_L$).
* **Output Buffer:** Ensures the signal is strong enough to drive multiple digital inputs (fan-out) without degrading the waveform.
---
### 3. Pinout and Integration
Usually, these modules follow a standard 4-pin or 14-pin footprint. In a common 4-pin configuration:
1. **Pin 1 (OE/NC):** Output Enable (allows the clock to be turned off to save power) or No Connection.
2. **Pin 2 (GND):** Common Ground.
3. **Pin 3 (Output):** The generated square wave (clock signal).
4. **Pin 4 ($V_{cc}$):** Positive DC Power Supply.
---
### 4. Part Number Decoder (Typical)
* **MHO:** Series identifier (High-speed/High-stability).
* **3:** Voltage code (e.g., 3.3V).
* **26:** Frequency stability/accuracy code.
* **FAG:** Package/Output format specific.
* **-R:** RoHS (Lead-free) Compliant.
---
### 5. Common Applications
Because of its stability, this part is used in:
* **Networking Hardware:** Switches and routers.
* **Industrial Controllers:** PLC and automation timing.
* **Embedded Systems:** Providing the base clock for Microcontrollers (MCUs) or FPGAs.
- ⤷
What is the exact frequency of the MHO326FAG-R variant you are using?
- ⤷ How does the 'Output Enable' pin function in this specific oscillator?
- ⤷ What are the common alternatives to the MHO series for low-power applications?