AI

The **MHO361FCG-R** is a specific surface-mount electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a high-power resistor/thermistor depending on the specific manufacturer's series (commonly associated with protection devices).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "MHO" series generally refers to high-voltage or high-surge protection components designed for surface-mount technology (SMT). These are critical for protecting sensitive downstream circuitry from voltage spikes and transients.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) / Surge Protector |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Package/Case** | 361 (Specific proprietary footprint) |
| **Material** | Metal Oxide (Zinc Oxide based) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
| **Operating Temp** | -40°C to +85°C (Standard industrial range) |
### 3. Key Electronic Functions
* **Voltage Clamping:** It acts as a variable resistor. When voltage exceeds a specific threshold, its resistance drops sharply, shunting the excess current to ground or away from the load.
* **Transient Suppression:** Protects against Lightning surges, ESD (Electrostatic Discharge), and inductive load switching.
* **Energy Absorption:** High capacity for absorbing energy (measured in Joules) without destroying the component.
### 4. Decoding the Part Number
While specific to the manufacturer (often associated with brands like Bourns or specialized Chinese power component firms), the code can generally be broken down as follows:
1. **MHO:** Series prefix (Metal Oxide family).
2. **361:** Refers to the physical dimensions or the specific voltage rating (e.g., 360V nominal).
3. **FCG:** Designates the tolerance, packaging style, or terminal plating.
4. **-R:** Standard industry suffix for **RoHS Compliant** (Lead-free).
---
### 5. Common Applications
* **Power Supplies:** Used in the input stage of AC/DC converters.
* **LED Drivers:** Protecting high-brightness LEDs from grid fluctuations.
* **Smart Meters:** Ensuring longevity against line surges.
* **Consumer Electronics:** Chargers, adapters, and home appliances.
- ⤷
What is the maximum surge current rating for the MHO361 series?
- ⤷ How does this part compare to a TVS diode in circuit protection?
- ⤷ Can you provide the footprint dimensions for the 361 package?