MHO361TAD-R
AI

The **MHO361TAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is specifically designed as a surface-mount device (SMD) utilized in timing and frequency control circuits where stability and reliability are critical.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the MHO361 series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed Frequency) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0 VDC (Standard for this series) |
| **Package Style** | 4-Pad Ceramic SMD |
| **Frequency Stability** | Typically ±25ppm to ±100ppm (depending on sub-variant) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Core Electronic Components & Architecture
The MHO361TAD-R is an integrated timing solution consisting of several internal stages:
1. **Quartz Crystal Blank:** The heart of the part. It is a precision-cut piece of quartz that vibrates at a specific resonant frequency when an electric field is applied.
2. **Oscillator IC:** A specialized integrated circuit that provides the gain needed to sustain oscillation and converts the sinusoidal wave into a clean square wave (HCMOS/TTL).
3. **Bypass Capacitance:** Internal capacitors to filter power supply noise and ensure signal integrity.
4. **Tri-state Control (Pin 1):** The "T" in the part number often denotes **Tri-state functionality**. This allows the output to be placed in a high-impedance state, effectively disconnecting it from the bus for testing or power-saving purposes.
---
### 3. Pin Configuration
The device uses a standard 4-pad layout common in industrial oscillators:
| Pad Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Tri-state / NC | Enable/Disable the output signal. |
| **2** | Ground | Case and circuit ground. |
| **3** | Output | The generated clock frequency signal. |
| **4** | Vcc | Positive supply voltage (+5V). |
---
### 4. Common Applications
Due to its robust ceramic packaging and HCMOS output, the MHO361TAD-R is frequently used in:
* **Networking Hardware:** Routers, switches, and high-speed modems.
* **Industrial Controllers:** PLC units and factory automation systems.
* **Embedded Systems:** Microprocessor and FPGA clocking where a 5V rail is available.
* **Medical Equipment:** Diagnostic devices requiring stable timing references.
- ⤷
What is the exact frequency of the MHO361TAD-R variant you are using?
- ⤷ How does the Tri-state pin affect power consumption in this specific model?
- ⤷ Are there 3.3V alternatives to the MHO series for lower power designs?