AI

The **MHO363FAG-R** belongs to a specific category of passive electronic components, typically identified as a **Metal Oxide Film Resistor**. These components are widely used in power supplies, consumer electronics, and industrial circuits due to their stability and high-temperature tolerance.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Specifications
Metal oxide resistors are preferred over carbon film resistors for applications requiring higher reliability and better heat dissipation.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Resistor Type** | Metal Oxide Film |
| **Resistance Value** | Defined by the "363" code (36k $\Omega$ or 363 $\Omega$ depending on series) |
| **Tolerance** | Generally ±5% (indicated by 'J') or ±1% (indicated by 'F') |
| **Power Rating** | Often 1W, 2W, or 3W (Frame-size dependent) |
| **Operating Temp** | -55°C to +155°C or higher |
| **Coating** | Non-flammable silicone or epoxy |
---
### 2. Key Electronic Features
The MHO series is engineered for specific performance metrics:
* **Flameproof Construction:** The "F" in the part number often denotes a flameproof coating. In the event of an overload, the resistor will open without catching fire.
* **High Stability:** Metal oxide films provide better stability against moisture and oxidation compared to carbon-based alternatives.
* **Low Noise:** These parts exhibit very low electrical noise, making them suitable for audio and precision signal paths.
* **Surge Capability:** They can withstand higher pulse loads than standard carbon film resistors of the same physical size.
---
### 3. Decoding the Part Number
While naming conventions vary slightly by manufacturer (such as RoyalOhm or Yageo), the code generally breaks down as follows:
1. **MHO:** **M**etal **H**igh **O**xide (Series identifier).
2. **363:** The Resistance Value.
* *Standard coding:* 36 followed by 3 zeros = **36,000 $\Omega$ (36k $\Omega$)**.
3. **F:** Tolerance or Power Rating code.
* Commonly denotes **±1% Tolerance** or **Flameproof**.
4. **AG:** Package style (e.g., Axial Lead, Taped in Ammo Pack).
5. **R:** Compliance code (e.g., **RoHS** compliant).
---
### 4. Common Applications
* **Power Supplies:** Used as bleeder resistors to discharge capacitors.
* **Audio Equipment:** Used in output stages due to low noise.
* **Protection Circuits:** Acts as a sacrificial link in current-limiting scenarios.
- ⤷
What is the exact power rating for the '363' frame size in this series?
- ⤷ How does a metal oxide resistor compare to a wirewound resistor in high-frequency applications?
- ⤷ Can this part be used as a replacement for a carbon film resistor with the same Ohmic value?