AI

The **MHO365FAG-R** is a specific part number typically associated with **Micro-Hybrid Electronics**, a specialist in high-reliability components. This specific series belongs to their **NDIR (Non-Dispersive Infrared)** gas sensing technology components, specifically high-performance **IR emitters** or **detectors**.
---
## 1. Component Overview
The MHO365FAG-R is a thermal infrared emitter designed for high-frequency pulsing, commonly used as the light source in gas analysis systems (CO2, CH4, CO, etc.).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thermal Infrared Emitter |
| **Package Style** | TO-39 (with Reflector) |
| **Technology** | Thin-film / MEMS based |
| **Typical Use** | NDIR Gas Sensing |
| **Manufacturer** | Micro-Hybrid |
---
## 2. Technical Characteristics
These components are engineered to provide a stable, broadband infrared output that covers the absorption wavelengths of most industrial and medical gases.
### Key Specifications
* **Wavelength Range:** Typically 2 to 20 µm (Broadband).
* **Drive Mode:** Designed for pulsed operation (1 Hz to 100 Hz depending on the specific chip).
* **Reflector ("-R"):** The "R" suffix indicates an integrated parabolic reflector, which collimates the IR beam, increasing the signal intensity at the detector.
* **Efficiency:** High emissivity nearing black-body radiation characteristics.
---
## 3. Operational Pinout & Circuitry
For a standard TO-39 NDIR emitter like the MHO365, the circuit requirements are as follows:
### Connectivity
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | Anode (+) | Positive Supply |
| **Pin 2** | Cathode (-) | Negative/Ground |
| **Case** | Ground | Usually connected to the metal housing for EMI shielding |
### Typical Driving Code Snippet (Conceptual)
NDIR emitters are rarely driven with DC; they are pulsed to allow for synchronous detection and to prevent overheating.
```c
// Example: Driving an IR Emitter at 10Hz with 50% duty cycle
void loop() {
digitalWrite(IR_EMITTER_PIN, HIGH); // Turn on Emitter
delay(50); // Wait 50ms
digitalWrite(IR_EMITTER_PIN, LOW); // Turn off Emitter
delay(50); // Wait 50ms
}
```
---
## 4. Application Areas
1. **Medical:** Capnography (CO2 monitoring) and anesthesia gas monitoring.
2. **Industrial:** Refrigerant leak detection, flue gas analysis, and explosion protection (Methane detection).
3. **Environmental:** Monitoring greenhouse gases (CO2, N2O).
---
- ⤷
What are the voltage and current requirements for the MHO365FAG-R?
- ⤷ How does the 'FAG' suffix change the filter or window type of the component?
- ⤷ Can this component be used in a dual-channel NDIR sensor setup?