Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MHO366FCG-R

  • AI
    The **MHO366FCG-R** is a specific part number typically associated with **SMD (Surface Mount Device) Quartz Crystal Oscillators**. These components are critical for providing a stable clock signal in digital circuits, telecommunications, and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications While specific prefixes can vary by manufacturer (often associated with brands like **Mercury Electronic**), the technical profile for this series generally follows these parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Type** | SMD / SMT (Seamless Metal Lid) | | **Dimensions** | Typically 7.0 x 5.0 mm or 5.0 x 3.2 mm | | **Output Type** | CMOS / HCMOS / TTL Compatible | | **Supply Voltage (Vdd)** | Usually 3.3V or 5.0V | | **Mounting Style** | Surface Mount | --- ### 2. Key Features * **High Stability:** Designed to maintain frequency accuracy across a wide temperature range. * **Tri-state Function:** Includes an Enable/Disable pin (Pin 1) which allows the output to go into a high-impedance state, reducing power consumption when the clock is not needed. * **Low Phase Jitter:** Optimized for high-speed data transmission to minimize timing errors. * **RoHS Compliant:** The "R" suffix in the part number usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards. --- ### 3. Pin Configuration (Typical 4-Pad Layout) Standard SMD oscillators like the MHO series follow a universal 4-pin mapping: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D (Enable/Disable) | Logic high enables the output; Logic low disables it. | | **2** | GND | Ground connection. | | **3** | Output | The generated clock signal (Square Wave). | | **4** | Vdd | DC Power Supply input. | --- ### 4. Common Applications Due to its reliability and standard footprint, the MHO366FCG-R is commonly found in: 1. **Networking Hardware:** Routers, switches, and modems. 2. **Embedded Systems:** Microcontrollers requiring an external high-precision clock source. 3. **Industrial Control:** PLCs and automation sensors. 4. **Computing:** Motherboards and peripheral interface cards. --- ### 5. Technical Precautions * **Decoupling:** A 0.01µF to 0.1µF ceramic capacitor should be placed as close as possible to the Vdd pin to filter power supply noise. * **Soldering:** Being a crystal-based component, it is sensitive to excessive heat. Ensure compliance with JEDEC lead-free reflow profiles during assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MHO366FCG-R version you are using?
    • ⤷ Do you need the specific load capacitance requirements for this oscillator?
    • ⤷ Are you looking for a drop-in equivalent from another manufacturer?