AI

The **MHR14FFJ-R** is a specific electronic connector component, typically part of a series of High-Density D-Subminiature or Ribbon Cable connectors. While the prefix "MHR" can vary slightly by manufacturer (often associated with brands like **NorComp** or **Adam Tech**), it generally follows a standardized specification for industrial and computing applications.
---
### 1. Technical Specifications
Below are the general characteristics typically associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Connector / IDC Socket |
| **Number of Positions** | 14 Pins |
| **Mounting Type** | Through-Hole or Cable Mount (IDC) |
| **Pitch** | Typically 2.54mm (0.1") or 1.27mm (0.05") |
| **Gender** | Female (Socket) |
| **Termination** | IDC (Insulation Displacement Connector) or Solder |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string provides specific details about the part's construction:
* **MHR**: Series prefix (Miniature High Reliability or Manufacturer Series).
* **14**: Indicates the **14-pin count** (2 rows of 7 pins).
* **FF**: Often denotes the gender and orientation (e.g., **F**emale **F**ront).
* **J**: Specific housing or latching mechanism (e.g., Jumper style or Ejector latches).
* **-R**: Indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free.
---
### 3. Key Components and Materials
An electronic part like the MHR14FFJ-R consists of several critical elements:
1. **Housing:** Usually made of **PBT (Polybutylene Terephthalate)**, a thermoplastic that provides high insulation resistance and thermal stability.
2. **Contacts:** Typically made of **Phosphor Bronze** or **Brass**, plated with gold (in the contact area) and tin (in the termination area) for optimal conductivity and corrosion resistance.
3. **Strain Relief:** Often includes a plastic clip to prevent the cable from pulling away from the contacts.
---
### 4. Typical Applications
* **Internal Computer Wiring:** Connecting motherboards to peripheral headers.
* **Industrial Control Systems:** Routing signals between PCBs (Printed Circuit Boards).
* **Telecommunications:** Used in data transmission equipment where high-density connections are required in small spaces.
---
### 5. Implementation Example (Schematic Context)
In a PCB design environment (like Altium or KiCad), the footprint for this part would look like this:
```markdown
Symbol: J1 (Connector)
Pins: 1, 2, 3, ... 14
Footprint: HDR2X7 (2 rows by 7 pins)
Pitch: 2.54mm
```
- ⤷
What is the maximum current rating per pin for the MHR series?
- ⤷ Does this connector require a specific crimping tool for assembly?
- ⤷ What are the mechanical dimensions of the 14-pin housing?