MHR16FAJ-R
AI

The **MHR16FAJ-R** is a specific part number typically associated with **Metal Film Fixed Resistors**, often used in precision electronics. Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Part Number Breakdown
Based on standard industry nomenclature for these components, here is what the code represents:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MHR** | Series Type | High-stability Metal Film Resistor. |
| **16** | Power Rating | Typically represents **1/6W (0.166 Watts)**. |
| **F** | Tolerance | **±1%** (Precision grade). |
| **A** | Temperature Coefficient | Usually refers to **±50ppm/°C** or specific packaging code. |
| **J** | Resistance Value | "J" often acts as a multiplier or tolerance indicator (5% if isolated), but in 1% series, it maps to specific ohmic values. |
| **-R** | Packaging | **Tape & Reel** (Automated assembly ready). |
---
### 2. Key Technical Specifications
These parts are engineered for stability and low noise.
* **Resistance Material:** Metal Film (Nickel-chromium alloy deposited on a ceramic core).
* **Operating Temperature:** Typically **-55°C to +155°C**.
* **Voltage Rating:** Maximum working voltage is usually around **150V - 200V** for this size.
* **Noise Level:** Very low; superior to carbon film resistors, making them ideal for audio and signal processing.
---
### 3. Applications
The MHR series is designed for circuits where accuracy and thermal stability are critical.
1. **Audio Equipment:** Low thermal noise ensures clear signal reproduction.
2. **Instrumentation:** High precision (1% tolerance) is used for measurement bridges and sensors.
3. **Telecommunications:** Used in filtering circuits due to low inductance.
4. **Medical Electronics:** Reliable performance under varying temperature conditions.
---
### 4. Comparison Table: Metal Film vs. Carbon Film
| Feature | Metal Film (MHR) | Carbon Film |
| :--- | :--- | :--- |
| **Precision** | High (±1%) | Low (±5%) |
| **Temp. Coefficient** | Excellent (Low drift) | Poor (High drift) |
| **Noise** | Very Low | Moderate/High |
| **Cost** | Slightly Higher | Low |
---
- ⤷
What is the specific resistance value for the 'J' code in this series?
- ⤷ How does the power rating of 1/6W compare to standard 1/4W resistors in size?
- ⤷ Can this resistor be used in high-frequency RF applications?