AI

The **MHR16TCJ-R** is a high-performance, shielded **M12 Circular Connector** commonly used in industrial automation, robotics, and sensor networking. It is designed to ensure reliable signal transmission in harsh environments where electromagnetic interference (EMI) is a concern.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Gender** | Female (Socket) |
| **Number of Positions** | 16-Pin |
| **Coding** | A-Coding (Standard for sensors/DC power) |
| **Termination Style** | Solder or Crimp (Depending on specific assembly) |
| **Shielding** | Fully Shielded (360° EMI protection) |
| **Ingress Protection** | IP67 (Dust tight, waterproof immersion) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
---
### 2. Physical & Electronic Components
The "Electronic Parts" of this connector consist of several critical layers designed for signal integrity:
#### A. Contact Pins (The 16-Pin Array)
* **Material:** Usually a copper alloy base for high conductivity.
* **Plating:** Gold plating is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
* **Density:** Because it houses 16 pins in a standard M12 frame, the pins are thinner and more delicate than standard 4-pin or 5-pin M12 connectors, requiring precise alignment.
#### B. The Shielding Shell (EMI Protection)
* The "R" suffix often denotes a ruggedized or specific shielding configuration.
* It features a metal housing (zinc die-cast or nickel-plated brass) that connects the cable shield to the device ground, preventing electrical noise from disrupting the 16 signal paths.
#### C. Insulation Body
* Constructed from high-grade engineering plastics (like PBT or PA66).
* Provides high dielectric strength to prevent "arcing" or short-circuiting between the densely packed 16 pins.
---
### 3. Application Areas
Due to the high pin count (16), this connector is rarely used for simple power. Instead, it is used for:
* **Complex Sensors:** Multi-axis encoders or vision sensors.
* **PLC I/O Blocks:** Connecting multiple digital inputs/outputs through a single cable.
* **Robotic Arms:** Routing multiple control signals through tight joints.
* **Data Acquisition:** High-density signal logging where space is limited.
---
### 4. Wiring Considerations
When working with the MHR16TCJ-R, pay close attention to:
1. **Current Rating:** Typically, 16-pin M12 connectors have a lower current rating per pin (usually around **1A to 1.5A**) compared to 4-pin versions (4A).
2. **Voltage Rating:** Usually rated for **30V AC/DC**.
3. **Cable Diameter:** You must use a multi-core shielded cable that matches the outer diameter (OD) of the connector's cable gland to maintain the **IP67** seal.
- ⤷
What is the maximum current rating per pin for the MHR16TCJ-R?
- ⤷ How does A-coding differ from X-coding in M12 connectors?
- ⤷ Which wire gauge (AWG) is recommended for 16-pin M12 terminations?