MHR18TAJ-R
AI

The **MHR18TAJ-R** is a high-voltage, thick-film resistor manufactured by **Murata**. It belongs to the MHR series, which is specifically designed for high-voltage applications requiring stability and compact sizing.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MHR18TAJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 100 MΩ (Standard for this series) |
| **Tolerance** | ±5% (indicated by 'J' in the part number) |
| **Max Operating Voltage** | 8.0 kV DC |
| **Rated Power** | 0.5 Watts |
| **Operating Temperature** | -40°C to +100°C |
| **Temperature Coefficient** | ±500 ppm/°C |
---
### 2. Physical Construction and Features
The "MHR" series utilizes **Thick Film technology** on a high-purity alumina substrate.
* **Lead Type:** Radial leads (THT - Through Hole Technology).
* **Coating:** Encapsulated in a flame-retardant epoxy resin (UL94V-0 compliant) to prevent arcing and provide moisture resistance.
* **Stability:** Designed to maintain resistance stability even under high-stress electrostatic loads.
* **Size:** Compact rectangular form factor to save PCB space compared to traditional cylindrical high-voltage resistors.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify variations:
| Segment | Meaning |
| :--- | :--- |
| **MHR** | Murata High-Voltage Resistor Series |
| **18** | Size/Style identifier |
| **T** | Characteristics (Thick Film) |
| **A** | Internal Code for specific design |
| **J** | Resistance Tolerance (J = ±5%) |
| **R** | Packaging Code (Radial Taping/Lead formation) |
---
### 4. Typical Applications
Due to its high voltage rating (8kV), the MHR18TAJ-R is commonly found in:
1. **CRT Displays:** Used in focus and bleeder circuits.
2. **Copiers/Printers:** High-voltage power supplies for toner charging.
3. **Medical Equipment:** X-ray power supplies and imaging systems.
4. **Air Purifiers:** Ionizer circuits requiring high-voltage discharge.
---
- ⤷
What are the alternative tolerance options for the MHR series?
- ⤷ How does the power derating curve behave at temperatures above 70°C?
- ⤷ Are there Surface Mount (SMD) equivalents for high-voltage resistors like the MHR18?