MHR23FAJ-R
AI

The **MHR23FAJ-R** is a specific type of **Rotary Potentiometer**, often used in consumer electronics, audio equipment, and industrial control panels. It is characterized by its compact design and surface-mount or through-hole mounting options.
---
### 1. Key Technical Specifications
The following table outlines the general technical characteristics typical of this component series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Variable Resistor / Rotary Potentiometer |
| **Resistance Range** | Typically 1kΩ to 1MΩ (depending on variant) |
| **Tolerance** | ±20% (Standard) |
| **Power Rating** | 0.05W to 0.1W |
| **Maximum Voltage** | 50V AC / 20V DC |
| **Rotation Angle** | 300° ± 5° |
| **Operating Life** | 10,000 to 15,000 cycles |
---
### 2. Physical Construction
The part is comprised of several critical sub-components that manage the electrical output based on mechanical input:
* **Resistive Element:** Usually a carbon film track. As the wiper moves along this track, the resistance between the terminals changes.
* **Wiper:** A metal contact that slides across the resistive track.
* **Actuator (Shaft):** The physical interface (knob or slot) that the user turns.
* **Terminals:** Three pins—two fixed ends of the resistor and one connected to the wiper (the center tap).
---
### 3. Circuit Representation
In an electronic schematic, the MHR23FAJ-R acts as a voltage divider. Below is a representation of how it is typically wired:
```cpp
// Typical Voltage Divider Logic
// Pin 1: Ground (GND)
// Pin 2: Output (Wiper) -> Connected to Analog Input
// Pin 3: Input Voltage (VCC)
int sensorValue = analogRead(A0); // Reads the position of the potentiometer
float voltage = sensorValue * (5.0 / 1023.0);
```
---
### 4. Applications
* **Volume Control:** Used in radios and small amplifiers to adjust signal gain.
* **Light Dimming:** Controlling the brightness of LED circuits via PWM or analog reference.
* **User Interface:** Selecting menu options or adjusting parameters on micro-controllers (like Arduino or ESP32).
* **Calibration:** Used as a "Trimmer" on PCBs to calibrate sensors during manufacturing.
---
- ⤷What is the difference between a linear and logarithmic taper for this part?
- ⤷ How do I identify the pinout for the MHR23 series?
- ⤷ What are the recommended soldering temperatures for this SMD component?