MHR63FCJ-R
AI

The **MHR63FCJ-R** is a high-performance, rotary-type thermal printhead manufactured by **ROHM Semiconductor**. It is specifically designed for high-speed, high-resolution industrial printing applications, such as barcode printers and label printers.
---
## 1. Technical Specifications
The following table highlights the core electronic and physical characteristics of the MHR63FCJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Print Width** | 104 mm (Standard 4-inch) |
| **Resolution** | 300 dpi (dots per inch) |
| **Total Dots** | 1,248 dots |
| **Resistance Value** | ~1100 $\Omega$ (Average) |
| **Supply Voltage (VH)** | 24V (Typical) |
| **Logic Voltage (VDD)** | 3.3V to 5V |
| **Printing Speed** | Up to 150 mm/s to 200 mm/s |
| **Head Configuration** | Rotary / Flat-head type |
---
## 2. Key Electronic Components & Features
### A. Heating Element (Resistor Array)
The core of the part is a linear array of 1,248 miniature resistors. When electrical current passes through a specific resistor, it generates heat to melt the ink on a ribbon (Thermal Transfer) or darken the coating on heat-sensitive paper (Direct Thermal).
### B. Driver ICs
The unit contains integrated CMOS gate drivers. These serve several functions:
* **Shift Registers:** To convert serial data from the printer controller into parallel data for the dots.
* **Latch Circuits:** To hold the data during the printing cycle while the next line of data is being loaded.
* **Power Switching:** Managing the high-current 24V pulses required for thermal activation.
### C. Thermistor
An internal NTC (Negative Temperature Coefficient) thermistor is embedded to monitor the printhead temperature. This is a critical safety and quality component used to:
1. Prevent overheating (Thermal Runaway).
2. Adjust pulse width (burn time) based on ambient heat to maintain consistent print density.
---
## 3. Connectivity & Interface
The MHR63FCJ-R utilizes a standardized industrial interface to communicate with the main PCB:
1. **Clock (CLK):** Synchronizes the data transfer.
2. **Data In (DI):** Serial input for the image bitstream.
3. **Latch (LAT):** Signals the driver to transfer data from the shift registers to the heating elements.
4. **Strobe (STB):** Controls the "On-Time" or duration of the heating pulse (usually divided into sections to manage power consumption).
---
## 4. Maintenance & Usage Notes
* **ESD Sensitivity:** Like most semiconductor components, the driver ICs are sensitive to Electrostatic Discharge. Use grounded straps during installation.
* **Voltage Regulation:** Fluctuations in the 24V VH line can lead to inconsistent print darkness or premature element failure.
* **Cleaning:** The glaze layer protecting the resistors should be cleaned regularly with Isopropyl Alcohol (IPA) to prevent buildup of carbon and adhesive residue.
- ⤷
What are the common causes of failure for the MHR63FCJ-R printhead?
- ⤷ How do I calculate the pulse width for this printhead based on the resistance?
- ⤷ Is the MHR63FCJ-R compatible with direct thermal and thermal transfer printing?