MHR64FBJ-R
AI

### Technical Overview: MHR64FBJ-R
The **MHR64FBJ-R** is a high-precision, thick film chip resistor, typically manufactured by **KOA Speer Electronics** (or similar manufacturers within the MHR series). These resistors are specifically designed for high-voltage applications where stability and reliability are critical.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for the MHR series (specifically the 64FBJ-R variant):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thick Film High Voltage Resistor |
| **Resistance Value** | Defined by the "FBJ" code (typically in the Megohm range) |
| **Tolerance** | ±1% (F) or ±5% (J) depending on the specific suffix |
| **Power Rating** | 0.5W to 1.0W (depending on mounting) |
| **Max Working Voltage** | High Voltage (up to 2,000V - 3,000V DC) |
| **Temperature Coefficient** | ±100 ppm/°C to ±200 ppm/°C |
| **Operating Temp Range** | -55°C to +155°C |
---
### 2. Physical Construction
The "Electronic Parts" composition of this resistor involves several layers to handle high voltage without arcing:
1. **Ceramic Substrate:** High-grade alumina ceramic provides the base and heat dissipation.
2. **Resistive Element:** A ruthenium oxide ($RuO_2$) thick film layer.
3. **Protective Coating:** A glass or epoxy overcoat to protect against moisture and environmental degradation.
4. **Terminations:** Lead-free (Sn) plating over a nickel barrier to prevent leaching during soldering.
---
### 3. Application Use Cases
Because the MHR64FBJ-R is designed to withstand high voltage stress, it is commonly found in:
* **Power Supplies:** Voltage dividers in high-voltage DC-DC converters.
* **Medical Equipment:** X-ray machines and laser power circuits.
* **Industrial:** Measuring equipment and high-impedance sensors.
* **Automotive:** Battery management systems (BMS) for electric vehicles.
---
### 4. Part Number Breakdown (Typical)
```text
MHR 64 F B J - R
| | | | | |
| | | | | +-- Packaging (Reel)
| | | | +------- Resistance Value / Multiplier
| | | +---------- T.C.R. Characteristic
| | +------------- Tolerance (F = ±1%)
| +---------------- Size/Power Rating (64)
+--------------------- Series Name (High Voltage Thick Film)
```
- ⤷
What is the exact resistance value associated with the 'FBJ' code for this part?
- ⤷ Are there specific soldering temperature profiles recommended for the MHR64 series?
- ⤷ How does the MHR64 compare to standard thick film resistors in terms of surge handling?