MHR64TAJ-R
AI

### Overview of MHR64TAJ-R
The **MHR64TAJ-R** is an electronic component typically associated with **Mahr**, a leading manufacturer of precision metrology and sensor equipment. This specific part number refers to a **high-precision inductive probe** (also known as a LVDT - Linear Variable Differential Transformer) used for dimensional measurement and quality control in manufacturing.
---
### Technical Specifications & Components
The device is composed of several critical electronic and mechanical subsystems designed to convert physical movement into a measurable electrical signal.
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Inductive / LVDT (Half-bridge or Full-bridge configuration) |
| **Signal Output** | Analog (Voltage proportional to displacement) |
| **Measuring Range** | Typically ± 2.0 mm (subject to specific sub-model calibration) |
| **Connector Type** | Usually a 5-pin or 6-pin DIN/circular connector |
| **Protection Class** | IP65 (Dust-tight and protected against water jets) |
| **Bellows Material** | Viton or Nitrile (for chemical resistance) |
---
### Internal Electronic Architecture
The MHR64TAJ-R operates on the principle of **Inductive Displacement**. The internal electronics consist of:
1. **Primary and Secondary Coils:** A primary coil is energized with an AC excitation voltage. Two secondary coils pick up the induced voltage.
2. **Ferrite Core:** A movable magnetic core attached to the probe tip. As it moves, it changes the magnetic coupling between the coils.
3. **Signal Conditioning:** The "R" suffix often denotes a specific wiring or resistance configuration meant for compatibility with specific amplifiers (like the Mahr Millimar series).
4. **Temperature Compensation:** Integrated resistors to minimize thermal drift, ensuring measurements remain stable across varying ambient temperatures.
---
### Wiring Configuration (Standard Inductive)
If you are integrating this into a custom system, the pinout generally follows the standard color-coding for Mahr inductive probes:
```c
// Typical 5-Pin DIN Wiring (Reference only)
Pin 1: Signal High (+)
Pin 2: Signal Low (-) / Common
Pin 3: Excitation Voltage (+)
Pin 4: Excitation Voltage (-)
Pin 5: Shield / Ground
```
---
### Key Applications
* **Automated Inspection:** Integrated into CNC machines or robotic arms.
* **Run-out Measurement:** Checking the eccentricity of rotating shafts.
* **Differential Measurement:** Using two probes to measure thickness or parallelism.
---
- ⤷
What are the compatible amplifier units for the MHR64TAJ-R?
- ⤷ How do I calibrate this probe using a Millimar unit?
- ⤷ What is the difference between the MHR64TAJ-R and the standard MHR64 series?