MHR68FAJ-R
AI

The **MHR68FAJ-R** is a specific electronic component, typically categorized as a **High-Density Rectangular Connector** or a specialized **PCB Mount Header**, often used in industrial or automotive electronics.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part belongs to the category of board-to-wire or board-to-board interconnects designed for space-constrained environments.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Male Header / Pin Connector |
| **Pitch (Spacing)** | Typically 1.27mm or 2.00mm (depends on specific series variant) |
| **Number of Pins** | 68 Pins |
| **Orientation** | Right-Angle (R) / Horizontal Mount |
| **Termination Style** | Through-hole or SMT (Surface Mount Technology) |
### 2. Key Electronic Properties
The functionality of the MHR68FAJ-R is defined by its electrical limits and materials:
* **Current Rating:** Usually rated for **0.5A to 1.0A per contact**, making it suitable for signal transmission rather than power delivery.
* **Voltage Rating:** Generally around **125V AC/DC**.
* **Contact Resistance:** Typically low (under **30mΩ**) to ensure signal integrity.
* **Insulation Resistance:** High threshold (usually **>500MΩ**) to prevent leakage between adjacent pins.
### 3. Physical & Material Composition
The "FAJ-R" suffix often provides clues regarding the mounting and material specifications:
1. **Housing:** Made of high-temperature thermoplastic (e.g., LCP or Nylon 6T) to withstand reflow soldering temperatures.
2. **Contacts:** Copper alloy base plated with **Gold (Au)** over Nickel, providing superior corrosion resistance and conductivity.
3. **Right-Angle Design (-R):** The pins are bent at a 90-degree angle, allowing the connector to sit flush against the edge of a PCB, which is ideal for side-entry cables or daughter-card mating.
### 4. Typical Applications
Due to the high pin count (68 pins), this part is commonly found in:
* **PCMCIA Interfaces:** Older laptop expansion slots.
* **SCSI Connections:** High-speed data transfer interfaces for drives.
* **Industrial PLC Modules:** Connecting logic boards to I/O panels.
* **Embedded Systems:** High-density signal routing between stacked PCBs.
---
- ⤷
What is the exact pitch measurement for the MHR68 series?
- ⤷ Are there specific soldering temperature profiles recommended for the 'FAJ' variant?
- ⤷ Is this connector compatible with standard PCMCIA 68-pin layouts?