MHR68TAJ-R
AI

The **MHR68TAJ-R** is a specific electronic component typically categorized as a **High-Voltage Rectifier / Multiplier Module**. These components are predominantly used in specialized high-voltage power supplies, such as those found in CRT displays, laser equipment, or X-ray machinery.
---
### 1. Technical Specifications Overview
While specific datasheets can vary by manufacturer (often Murata or similar specialty high-voltage firms), the technical characteristics generally fall into the following ranges:
| Parameter | Estimated Value / Type |
| :--- | :--- |
| **Component Type** | High Voltage Resistor / Lead Wire Focus Resistor |
| **Max Operating Voltage** | 30kV - 40kV (Typical for MHR series) |
| **Resistance Value** | High Ohmic (e.g., 500MΩ to 1000MΩ) |
| **Tolerance** | ±10% to ±20% |
| **Mounting Type** | Through-hole with high-insulation leads |
| **Application** | CRT Focus/Screen voltage adjustment |
---
### 2. Core Electronic Functions
The MHR68TAJ-R serves three primary electronic functions within a circuit:
1. **Voltage Division:** It acts as a potential divider to step down extremely high voltages (from a flyback transformer) to lower, stable levels required for electronic "focusing" elements.
2. **Current Limiting:** Due to its high resistance value, it prevents catastrophic current surges in the event of an internal arc or component failure.
3. **Insulation & Safety:** The physical housing is designed with specialized resin to prevent "tracking" (electricity crawling across the surface) and corona discharge.
---
### 3. Physical Construction
* **Encapsulation:** The unit is molded in a flame-retardant epoxy resin (typically UL94V-0 rated).
* **Leads:** Features high-voltage insulated wires or pins specifically spaced to prevent arcing between terminals.
* **Internal Elements:** Utilizes thick-film technology on a ceramic substrate to handle the high electrostatic stress without breaking down.
---
### 4. Common Use Cases
* **Legacy Displays:** CRT monitors and televisions for controlling the sharpness of the electron beam.
* **Medical Equipment:** Small-scale X-ray power supplies.
* **Scientific Instruments:** Electron microscopes or mass spectrometers requiring stable high-voltage bias.
---
- ⤷
What is the exact resistance value of the MHR68TAJ-R model?
- ⤷ How does thick-film technology improve high-voltage stability?
- ⤷ What are the safety precautions when handling high-voltage focus resistors?