Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MHV507-19-R

  • AI
    The **MHV507-19-R** is a specialized high-voltage electronic component, typically categorized as a **High-Voltage Rectifier Diode** or a high-voltage assembly used in power conversion. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (such as **Voltage Multipliers Inc.** or **HVCA**), the part number follows a standard convention for high-reliability high-voltage parts. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | High-Voltage Silicon Rectifier | | **Peak Inverse Voltage (PIV)** | 5,000V to 7,000V (approx. 5kV - 7kV) | | **Forward Current ($I_F$)** | ~500mA to 1A | | **Reverse Recovery Time ($t_{rr}$)** | Standard or Fast Recovery options | | **Mounting Type** | Through-hole (Axial Lead) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | ### 2. Key Electronic Characteristics The MHV507-19-R is designed to handle extreme electrical stress. Its internal architecture consists of several silicon junctions stacked in series to achieve high breakdown voltage. * **Reverse Leakage:** These diodes are engineered for very low leakage current at high temperatures, ensuring stability in power supplies. * **Voltage Drop ($V_F$):** Because it is a "stack" of diodes, the forward voltage drop is higher than a standard signal diode, often ranging between **5V and 10V** depending on the load. * **Thermal Dissipation:** The "19" in the suffix often refers to specific lead lengths or thermal dissipation ratings required for encapsulated environments. ### 3. Applications This part is commonly found in industrial, medical, and scientific equipment where high-voltage DC is required. * **X-Ray Power Supplies:** Used in the rectification stage for imaging tubes. * **Electrostatic Precipitators:** Air filtration systems that require high-voltage grids. * **Laser Power Supplies:** Providing the high-voltage trigger for gas or solid-state lasers. * **CRT Displays:** Legacy video equipment and specialized radar displays. --- ### 4. Technical Equivalent & Identification If you are replacing this part, ensure the following parameters match or exceed the original: ```json { "Part_Number": "MHV507-19-R", "Category": "Discrete Semiconductor", "Sub-Category": "High Voltage Diode", "Package": "Molded Plastic Case", "Terminal": "Axial Leads" } ```
    ✨ Follow-up Questions
    • ⤷What is the exact Peak Inverse Voltage (PIV) rating for this model?
    • ⤷ Can this diode be used in high-frequency switching power supplies?
    • ⤷ What are the safe operating temperature ranges for the MHV series?