MI-RJ22-MY
AI

The **MI-RJ22-MY** is a high-reliability, isolated DC-DC converter manufactured by **Vicor Corporation**. It is part of the MI-200 series, specifically designed for military and aerospace applications where compact size and high efficiency are critical.
---
### 1. Technical Specifications
The part number `MI-RJ22-MY` follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Value / Detail |
| :--- | :--- |
| **Input Voltage** | 28V Nominal (Range: 18V to 50V) |
| **Output Voltage** | 15V DC |
| **Output Power** | 50 Watts |
| **Product Grade** | Military (M-Grade) |
| **Operating Temp** | -55°C to +85°C |
| **Efficiency** | 80% to 90% (Typical) |
---
### 2. Core Electronic Features
The MI-RJ22-MY utilizes advanced power conversion technologies to provide stable power in harsh environments:
* **Zero-Current Switching (ZCS):** Unlike traditional PWM converters, this uses ZCS to virtually eliminate switching losses, allowing for higher frequency operation and reduced EMI.
* **Isolation:** Provides input-to-output isolation (typically up to 3,000Vrms), protecting sensitive loads from input transients or ground loops.
* **Boost/Buck Topology:** It can handle wide input swings (common in military vehicle or aircraft power systems) while maintaining a steady 15V output.
* **Encapsulation:** The internal components are potted in a thermal epoxy to provide mechanical rigidity and protection against moisture and vibration.
---
### 3. Pinout & Connectivity
The module is typically a "Half-Brick" or "Junior" size with the following functional pin groupings:
| Pin Type | Description |
| :--- | :--- |
| **Input (+/-)** | Connection to the raw DC source (e.g., 28V battery system). |
| **Output (+/-)** | The regulated 15V output to the load. |
| **Gate In / Out** | Used for synchronizing multiple modules in parallel for higher power. |
| **Sense (+/-)** | Compensates for voltage drops along the output leads to ensure 15V at the load. |
| **Trim** | Allows the user to adjust the output voltage up or down slightly. |
---
### 4. Implementation Example (Basic)
To use this part, external capacitors are required for ripple filtering and stability:
```cpp
// Schematic Logic Representation
[28V Input] ----> [MI-RJ22-MY] ----> [15V Output]
| |
(Input Cap) (Output Cap)
| |
[Ground Plane]
```
---
- ⤷
What are the specific thermal management requirements for the MI-RJ22-MY?
- ⤷ How do I calculate the external capacitor values for this Vicor module?
- ⤷ Can this module be paralleled with other MI-200 series converters?