MI-RJ23-MY
AI

The **MI-RJ23-MY** is a high-reliability DC-DC converter module manufactured by **Vicor Corporation**. It is part of the MI-200 family, specifically designed for military and aerospace applications where compact size and high efficiency are required.
---
### 1. Key Technical Specifications
The part number "MI-RJ23-MY" follows a specific naming convention that defines its electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 28V DC (Nominal) | Range typically 18V to 50V DC |
| **Output Voltage** | 15V DC | Regulated output |
| **Output Power** | 50 Watts | Maximum power rating |
| **Product Grade** | M-Grade | Operating temp: -55°C to +85°C |
| **Case Size** | Junior (J) | Half-size module (2.28" x 2.4" x 0.5") |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of this module utilizes several advanced power electronic concepts:
* **Zero-Current Switching (ZCS):** Unlike traditional PWM converters, this uses ZCS technology. This minimizes switching losses and reduces electromagnetic interference (EMI) by switching the power transistors when the current is at zero.
* **High-Frequency Transformer:** Provides galvanic isolation between the input and output, ensuring safety and noise decoupling.
* **Power Density:** By operating at high frequencies (MHz range), the module can use smaller magnetic components (inductors/transformers) and capacitors.
* **Encapsulation:** The internal parts are fully potted in a thermally conductive epoxy, which protects components from vibration, moisture, and thermal shock.
---
### 3. Pin Configuration & Functionality
The module typically features a specific set of pins for integration into a PCB:
| Pin Name | Function |
| :--- | :--- |
| **+In / -In** | DC Input power connections |
| **Gate In / Gate Out** | Used for synchronizing multiple modules in parallel |
| **+Out / -Out** | DC Output power connections |
| **+Sense / -Sense** | Compensates for voltage drops across long traces/wires |
| **Trim** | Allows the user to adjust the output voltage slightly (up/down) |
---
### 4. Application Suitability
Because of its **M-Grade** rating and compliance with standards like **MIL-STD-810** (Environmental) and **MIL-STD-461** (EMI/EMC), it is commonly found in:
* Airborne radar systems.
* Ground vehicle communication suites.
* Shipboard electronics.
* Portable military testing equipment.
- ⤷
What is the difference between ZCS and traditional PWM switching in DC-DC converters?
- ⤷ How do you calculate the resistor value for the Trim pin to adjust output voltage?
- ⤷ What are the specific thermal management requirements for the MI-RJ23-MY?