AI

The **MI201209-R27** is a specific type of **Surface Mount (SMD) Multilayer Chip Inductor** (specifically a Ferrite Chip Bead or Inductor depending on the exact manufacturer's classification, commonly used for EMI suppression).
Below is a breakdown of the electronic specifications and part numbering logic based on standard industry coding for this component.
---
### 1. Part Number Breakdown
The alphanumeric code follows a standard convention used by manufacturers like Sunlord, Murata, or TDK:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MI** | Series Type | Often denotes a Multilayer Ferrite Chip Inductor/Bead. |
| **2012** | Case Size (Metric) | **2.0mm x 1.25mm** (Equivalent to **0805** in Imperial). |
| **09** | Thickness | Denotes a thickness of **0.9mm**. |
| **R27** | Inductance Value | **0.27 µH** (Microhenries). "R" acts as the decimal point. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer, the typical characteristics for an R27 (0.27µH) inductor in this package size are:
* **Inductance:** 0.27 µH ± 10% or 20%.
* **DC Resistance (DCR):** Usually very low, typically between **0.10Ω and 0.40Ω**.
* **Rated Current:** Generally handles between **200mA and 500mA** depending on temperature rise.
* **Self-Resonant Frequency (SRF):** Typically high (above 100MHz), making it effective for high-frequency filtering.
* **Operating Temperature:** Generally **-40°C to +125°C**.
---
### 3. Construction and Materials
* **Body:** Multilayer Ferrite. The coil is printed on ferrite sheets and stacked, then fired into a monolithic block.
* **Termination:** Usually Nickel (Ni) with a Tin (Sn) plating to ensure good solderability and prevent "leaching" during the soldering process.
* **Magnetic Shielding:** Because it is a multilayer ferrite construction, it is inherently **self-shielding**, which reduces electromagnetic interference (EMI) with neighboring components on the PCB.
---
### 4. Applications
The MI201209-R27 is commonly found in:
1. **Noise Suppression:** Used in power lines and signal lines to filter out high-frequency noise.
2. **Decoupling:** Used alongside capacitors to create LC filters for clean power delivery to ICs.
3. **Consumer Electronics:** Widely used in smartphones, tablets, and laptops due to its small 0805 footprint.
---
- ⤷What is the difference between a ferrite bead and a chip inductor for this part number?
- ⤷ Can I replace an MI201209-R27 with a larger 1206 size inductor?
- ⤷ How does the 'R27' inductance value affect signal filtering?