Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MJS400-R

  • AI
    The **MJS400-R** is a specific model of an **AC/DC Power Supply**, typically manufactured by companies like Bel Power Solutions or CUI Inc. It is designed for medical and industrial applications, emphasizing high efficiency and high power density. Below is an explanation of its core electronic components and technical specifications. --- ## 1. Core Technical Specifications The "MJS" series is generally characterized by its high power output relative to its small physical footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 90 - 264 VAC (Universal Input) | | **Output Power** | 400W (with forced air cooling) | | **Output Voltage** | Usually 12V, 24V, or 48V DC | | **Efficiency** | Up to 90% - 92% | | **Form Factor** | 3" x 5" (Open Frame) | | **Safety Standards** | IEC/EN/UL 60601-1 (Medical) & 60950-1 (ITE) | --- ## 2. Key Electronic Components ### A. Power Factor Correction (PFC) Circuit To comply with international standards regarding harmonic current (like EN61000-3-2), the MJS400-R includes an **Active PFC** stage. * **Purpose:** It ensures the current drawn is in phase with the voltage, maximizing real power usage and reducing strain on the electrical grid. ### B. Switching Topology The unit utilizes a **Resonant Converter** or **LLC Topology**. * **MOSFETs:** High-speed Silicon or GaN (Gallium Nitride) switches are used to convert the high-voltage DC into a high-frequency AC signal. * **Transformer:** A compact, high-frequency ferrite transformer provides galvanic isolation between the dangerous input AC and the safe output DC. ### C. Output Rectification Unlike older supplies that use diodes, the MJS400-R likely uses **Synchronous Rectification**. * **Component:** MOSFETs are used instead of Schottky diodes on the output side. * **Benefit:** This drastically reduces heat dissipation and improves efficiency, allowing 400W of power to be generated in a small 3x5 inch space. ### D. Protection Circuitry The onboard controller monitors the system for faults: * **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold. * **OCP (Over Current Protection):** Limits current to prevent damage during a short circuit. * **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the heat sinks exceed safe operating temperatures. --- ## 3. Medical-Grade Components Because the "-R" suffix often denotes medical compliance, the electronics feature: 1. **Low Leakage Current:** Specialized capacitors (Y-capacitors) are selected to ensure minimal current leaks to the chassis, protecting patients. 2. **2xMOPP Isolation:** (Means of Patient Protection) The PCB layout maintains specific creepage and clearance distances to provide double insulation between primary and secondary circuits. --- ## 4. Connector Pinouts (Example) Typically, the MJS400-R uses standardized headers for integration. ```text Input (J1): - Pin 1: Line (AC) - Pin 2: Neutral (AC) - Ground: Faston Tab Output (J2): - V1 (+): Main DC Output - RTN (-): Return/Ground - V-Aux: 12V Fan Supply (often 0.5A) - Remote Sense: Compares voltage at the load ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between MJS400-R and the standard MJS400 model?
    • ⤷ How does the cooling requirement change the power rating of this unit?
    • ⤷ What specific medical certifications does the MJS400-R hold?