MJS6-R
AI

The **MJS6-R** refers to a specific type of **Modular Jack (RJ11/RJ12)** connector, typically manufactured by companies like **METZ CONNECT** or similar electronic component suppliers. It is primarily used for telecommunications and data transmission.
### 1. Key Technical Specifications
The "MJS" series generally denotes a modular jack with specific mounting characteristics. Below are the common specifications for the MJS6-R:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ11 / RJ12 (6 Positions) |
| **Contacts Loaded** | Usually 6 (6P6C) |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Orientation** | Right Angle (Side Entry) |
| **Shielding** | Unshielded (Standard) |
| **Contact Material** | Phosphor Bronze with Gold Plating |
---
### 2. Physical Construction
The MJS6-R is built with three main components designed for durability and signal integrity:
* **Insulator Body:** Made of high-temperature thermoplastic (often UL 94V-0 rated), which allows the part to withstand wave soldering processes.
* **Contact Pins:** The pins are bent at a **90-degree angle** to allow the jack to be mounted on the edge of a Printed Circuit Board (PCB).
* **Gold Plating:** The contact area is plated with gold (measured in micro-inches) to prevent oxidation and ensure a low-resistance connection over thousands of mating cycles.
---
### 3. Electrical Characteristics
To ensure safe operation in communication equipment, these parts follow strict electrical limits:
```yaml
Electrical_Properties:
Voltage_Rating: 125 VAC RMS
Current_Rating: 1.5 Amperes
Contact_Resistance: 20mΩ Max (initial)
Insulation_Resistance: 500MΩ Min @ 500V DC
Dielectric_Strength: 1000V AC RMS 60Hz, 1 min
```
---
### 4. Common Applications
The MJS6-R is a legacy but still widely used component in various electronic devices:
1. **Telephony:** Landline telephones, modems, and fax machines.
2. **Security Systems:** Control panels that dial out to monitoring centers.
3. **Industrial Controls:** Used for RS232 or RS485 serial communication over modular cables.
4. **Networking:** Low-speed data transfer interfaces.
- ⤷
What is the difference between 6P6C and 6P4C versions of this connector?
- ⤷ Can the MJS6-R be used for Power over Ethernet (PoE) applications?
- ⤷ What are the footprint dimensions for PCB layout design?