Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MK-059

  • AI
    The **MK-059** typically refers to a **Digital Timer Module** or a **Multi-functional Delay Relay Kit**. These modules are widely used in DIY electronics, automation projects, and industrial control systems to manage the timing of electrical loads. --- ### 1. Core Component Breakdown The MK-059 module is comprised of several key electronic parts that work together to provide timing logic and power switching. | Component | Function | Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Brain of the module | Usually an 8-bit chip (like an STC or PIC variant) that handles the timing logic and user input. | | **Electromagnetic Relay** | Power Switching | Acts as an isolated switch to turn high-voltage devices (AC/DC) on or off. | | **7-Segment Display** | Visual Interface | Usually a 3 or 4-digit red LED display showing the remaining time or settings. | | **Tactile Buttons** | User Input | Used to set the time duration, operating modes, and start/stop functions. | | **Voltage Regulator** | Power Management | Steps down input voltage (e.g., 12V) to a stable 5V for the MCU and display. | | **Optocoupler** | Signal Isolation | (Optional in some versions) Protects the MCU from electrical noise during switching. | --- ### 2. Technical Specifications While variations exist, the standard electronic parameters for the MK-059 are: * **Operating Voltage:** 12V DC (standard) or 5V/24V depending on the specific model. * **Timing Range:** 0.1 seconds up to 999 minutes (programmable). * **Relay Load Capacity:** * AC: 250V / 10A * DC: 30V / 10A * **Standby Current:** ~20mA * **Working Current:** ~50mA (when relay is engaged). --- ### 3. Operating Modes The electronic logic of the MK-059 allows it to function in several distinct modes, which are selected via the onboard buttons: 1. **P1 (Delay Trigger):** After receiving a signal, the relay stays closed for time *T* then opens. 2. **P2 (Delay Start):** After a trigger, the module waits time *T1*, then closes the relay for time *T2*. 3. **P3 (Infinite Loop):** Cycles the relay ON for time *T1* and OFF for time *T2* indefinitely. 4. **P4 (Signal Maintain):** The timer resets as long as a signal is detected; it only starts counting down once the signal disappears. --- ### 4. Connection Interface The module typically features screw terminals for easy wiring: ```text Input Side: [ V+ ] -> Power Supply Positive [ V- ] -> Power Supply Negative [ IN ] -> Trigger Signal (High or Low pulse) Output Side (Relay): [ NO ] -> Normally Open [ COM ] -> Common [ NC ] -> Normally Closed ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current the MK-059 relay can handle safely?
    • ⤷ How do you switch between minutes and seconds on the MK-059 display?
    • ⤷ Can the MK-059 be triggered by an Arduino or Raspberry Pi?