MK-R010-1.
AI

The **MK-R010-1** is a specific electronic component, typically categorized as a **Current Sense Resistor** (Shunt Resistor). It is widely used in power management systems to monitor current flow by measuring the voltage drop across it.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for the "R010" series (10mΩ), here are the primary electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 10 mΩ (0.010 Ω) | Low resistance to minimize power loss. |
| **Tolerance** | ±1% (usually) | High precision for accurate measurement. |
| **Power Rating** | 1W - 3W | Depends on the physical package size. |
| **TCR** | ±50 to ±100 ppm/°C | Temperature Coefficient of Resistance. |
| **Technology** | Metal Strip / Alloy | Provides stability under high heat. |
---
### 2. Functional Role in Circuits
The MK-R010-1 acts as a **Shunt**. When current ($I$) flows through this resistor, it creates a small voltage ($V$) according to Ohm's Law ($V = I \times R$).
* **Current Sensing:** An Integrated Circuit (IC) monitors the voltage drop across the resistor to determine how much current is being drawn.
* **Overcurrent Protection:** If the voltage drop exceeds a specific threshold, the circuit can trigger a shutdown to protect components.
* **Battery Management:** Used in BMS to track charge and discharge rates.
---
### 3. Physical Characteristics
* **Package Type:** Usually a Surface Mount Device (SMD), such as 2512 or 1206.
* **Construction:** It is typically made of a robust metal alloy (like Manganese-Copper) to handle high thermal stress without shifting its resistance value.
---
### 4. Common Applications
1. **Motor Controllers:** Monitoring load current to prevent stalls or burnouts.
2. **DC-DC Converters:** Providing feedback for constant current regulation.
3. **Laptop/Mobile Power Rails:** Monitoring power consumption for battery life optimization.
4. **EV Charging:** High-precision current tracking.
---
- ⤷
What is the exact SMD package size for the MK-R010-1?
- ⤷ How do I calculate the power dissipation for this resistor at 5 Amps?
- ⤷ Are there 4-terminal (Kelvin) versions of this resistor available?