MLAST021SCG4R7CWNA01
AI

The part number **MLAST021SCG4R7CWNA01** refers to a specific Multi-Layer Ceramic Capacitor (MLCC) typically manufactured by companies like **AVX (Kyocera)** or specialized high-reliability component vendors.
Based on standard electronic component naming conventions (specifically for high-frequency/microwave capacitors), here is a detailed breakdown of the part.
---
### 1. Component Specification Table
| Attribute | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | MLCC | Multi-Layer Ceramic Capacitor |
| **Capacitance** | 4.7 pF | "4R7" indicates the decimal point (R) |
| **Tolerance** | ±0.25 pF | "C" code usually denotes ±0.25 pF (tight tolerance) |
| **Voltage Rating** | 50V / 100V | Dependent on series (W usually indicates standard DC rating) |
| **Dielectric** | C0G (NP0) | Ultra-stable, low loss, zero temperature drift |
| **Case Size** | 0201 | Extremely small footprint (approx. 0.6mm x 0.3mm) |
| **Termination** | Gold / Tin | "NA" often refers to specialized termination for soldering or bonding |
---
### 2. Breakdown of the Part Number
The alphanumeric string is coded to provide manufacturing specifications:
* **MLAS / MLAST:** Series identifier. This often refers to **Low ESR** or **High-Q** series designed for RF (Radio Frequency) applications.
* **02:** Refers to the physical size (0201 EIA standard).
* **1:** Voltage code (commonly 100V or 25V depending on the specific manufacturer's map).
* **SCG:** Dielectric characteristic (likely a variant of C0G/NP0 for microwave stability).
* **4R7:** The capacitance value. The 'R' acts as a decimal point ($4.7$ picofarads).
* **C:** Tolerance code ($ \pm 0.25$ pF).
* **W:** Packaging code (usually refers to 7" Reel).
* **NA01:** Internal manufacturing control or special termination/testing code.
---
### 3. Key Electronic Characteristics
#### A. High-Q Factor
Because this part is likely an RF-grade capacitor, it possesses a **High Quality (Q) Factor**. This means it has very low **Equivalent Series Resistance (ESR)**, reducing energy loss in high-frequency circuits.
#### B. C0G (NP0) Dielectric
This is a Class I dielectric. It is highly stable:
* **Temperature Coefficient:** $0 \pm 30 \text{ ppm/}^\circ\text{C}$.
* **Aging:** Zero aging (the capacitance does not decrease over time).
* **Voltage Coefficient:** Capacitance remains stable regardless of applied DC voltage.
#### C. Typical Applications
* **RF Matching Networks:** Tuning antennas in smartphones or IoT devices.
* **High-Frequency Filtering:** Removing noise in 5G or Wi-Fi modules.
* **Oscillators:** Providing stable frequency references.
---
- ⤷
What are the alternative part numbers for a 4.7pF 0201 capacitor with similar specs?
- ⤷ How does the 'C' tolerance affect the performance in an RF matching circuit?
- ⤷ What are the soldering requirements for the 0201 case size with gold termination?