MLC05-R39M-RC
AI

The **MLC05-R39M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH | The nominal inductance at 100kHz. |
| **Tolerance** | ±20% (M) | The allowable variance from the nominal inductance. |
| **DCR (Typical)** | ~2.5 mΩ | DC Resistance; lower values reduce power loss. |
| **Isat (Saturation)** | ~18 - 22 A | The current at which inductance drops by a specific % (usually 30%). |
| **Irms (Rated)** | ~12 - 15 A | The continuous current that causes a 40°C temperature rise. |
| **Size Code** | 05 / 5050 | Typically refers to a 5.0 x 5.0 mm footprint. |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component family:
* **MLC**: Series prefix (typically Molded Low-profile Choke).
* **05**: Dimensional code (approx. 5.4mm x 5.2mm footprint).
* **R39**: Inductance value (R denotes decimal; 0.39 microhenries).
* **M**: Tolerance code (±20%).
* **RC**: RoHS Compliant.
---
### 3. Key Features
* **Magnetic Shielding:** The molded construction provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components.
* **High Current Density:** Designed to handle high saturation currents in a small physical volume.
* **Low Core Loss:** Uses metal alloy powder cores which offer better efficiency at high frequencies compared to traditional ferrite cores.
* **Stability:** Maintains stable performance across a wide temperature range (typically -40°C to +125°C).
---
### 4. Common Applications
This specific inductor is ideal for high-speed switching power supplies:
1. **GPU/CPU Power:** VRM (Voltage Regulator Modules) for processors.
2. **Point of Load (POL):** Converters on motherboards and industrial PCs.
3. **Battery Powered Devices:** High-efficiency power stages in tablets or laptops.
4. **Automotive Electronics:** Infotainment and ADAS power rails (if AEC-Q200 qualified).
---
- ⤷
What are the equivalent alternative parts for the MLC05-R39M-RC?
- ⤷ How does the 'Molded' construction differ from traditional wire-wound inductors?
- ⤷ What is the impact of the 0.39uH inductance on switching frequency in a buck converter?