MLC10-R12M-RC
AI

The **MLC10-R12M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in voltage regulator modules (VRMs) and high-current power supplies. It belongs to a class of "molded" inductors known for their stability and compact size.
---
### 1. Part Number Breakdown
The part number typically follows a specific nomenclature used by manufacturers like **Mag.Layers** or similar magnetic component specialists:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MLC** | Series Code | Molded Low-profile Choke / Inductor series. |
| **10** | Size Code | Dimensions (approx. 10mm x 10mm footprint). |
| **R12** | Inductance Value | **0.12 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
| **RC** | Compliance | RoHS Compliant. |
---
### 2. Key Technical Specifications
Based on standard industry data for the 10-R12 series, here are the typical electrical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.12 µH |
| **DC Resistance (DCR) Max** | ~0.50 mΩ to 0.80 mΩ |
| **Saturation Current ($I_{sat}$)** | ~50A to 65A (High current handling) |
| **Heating Current ($I_{rms}$)** | ~30A to 40A |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal alloy powder (Molded) |
---
### 3. Core Features & Benefits
* **High Saturation:** Because it uses a metal alloy powder core, it exhibits a "soft saturation" curve, meaning the inductance doesn't drop off abruptly when current increases.
* **Low DCR:** The use of flat wire or heavy gauge copper ensures minimal power loss through heat (high efficiency).
* **Shielded Design:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Mechanical Strength:** The solid molded body offers excellent resistance to thermal shock and mechanical vibration.
---
### 4. Common Applications
Due to its very low inductance (0.12 µH) and extremely high current capability, this part is used in:
1. **CPU/GPU Power Supplies:** Multi-phase VRMs for modern processors.
2. **DC-DC Converters:** High-frequency point-of-load (POL) regulators.
3. **Servers/Networking:** High-density power modules where space is limited but power demand is high.
---
- ⤷
What is the difference between 'Soft Saturation' and 'Hard Saturation' in these inductors?
- ⤷ How does the DCR of this component affect overall power efficiency?
- ⤷ What are the physical dimensions of the 10-series package?