MLC10-R18M-RC
AI

The **MLC10-R18M-RC** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. It belongs to a class of "molded" inductors designed for stability and high power density.
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.18 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | ~0.70 mΩ (Typical) |
| **Saturation Current (Isat)** | ~40A - 60A (depending on manufacturer specifics) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 10mm x 10mm (approximate footprint) |
| **Construction** | Shielded, Metal Composite/Molded |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts:
* **MLC**: Refers to the series (Molded Low-profile Core).
* **10**: Indicates the physical size (roughly 10x10mm).
* **R18**: The inductance value. "R" acts as a decimal point, so $0.18$ microhenries ($\mu H$).
* **M**: Tolerance code (M = ±20%).
* **RC**: Denotes RoHS Compliance.
---
### 3. Key Electronic Features
* **Low DCR:** Because the resistance is extremely low (sub-milliohm), it minimizes power loss through heat, making it highly efficient for high-current applications.
* **High Saturation:** Unlike ferrite drum cores, the molded metal powder core provides a "soft saturation" characteristic. This means the inductance drops gradually rather than abruptly when the current exceeds the limit.
* **Magnetic Shielding:** The molded construction naturally shields the inductor, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Acoustic Quietness:** The composite material is pressed around the coil, which reduces the "buzzing" noise caused by magnetostriction in high-frequency switching.
---
### 4. Common Applications
This part is typically found in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers and laptops.
2. **Point of Load (POL) Converters:** Step-down converters located near the high-speed ICs.
3. **Battery Powered Systems:** Where high efficiency and small footprint are critical.
4. **Automotive Electronics:** Infotainment and ADAS power rails (if AEC-Q200 qualified).
---
- ⤷
What are the equivalent alternative part numbers for the MLC10-R18M-RC?
- ⤷ How does the 'soft saturation' of a molded inductor differ from a ferrite core?
- ⤷ What is the recommended solder reflow profile for this specific package size?