MLC10-R82M-RC
AI

The **MLC10-R82M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. Below is a detailed technical breakdown of its electronic specifications and characteristics.
### 1. General Specifications
The part number follows a specific nomenclature that defines its physical and electrical properties:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Series** | MLC10 (High Current Power Inductor) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **RoHS Status** | Compliant (indicated by 'RC') |
---
### 2. Electrical Characteristics
These parts are designed for high-efficiency power management.
* **Saturation Current ($I_{sat}$):** This is the current at which the inductance drops by a specified percentage (usually 20-30%). For this series, it is typically very high, allowing for stable performance during current spikes.
* **Heating Current ($I_{rms}$):** The continuous DC current that causes a specific temperature rise (usually 40°C) above ambient.
* **DCR (DC Resistance):** Extremely low resistance to minimize power loss and heat generation.
* **Operating Temperature:** Generally rated from -40°C to +125°C.
---
### 3. Construction and Materials
The "MLC" series usually utilizes a **molded metal powder core**. This construction offers several advantages over traditional ferrite drum cores:
1. **Shielded Design:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components.
2. **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly, metal powder cores have a "soft" saturation curve, making the circuit more stable under heavy loads.
3. **High Power Density:** Large current handling capability within a relatively small footprint.
---
### 4. Common Applications
Due to its low inductance and high current rating, the MLC10-R82M-RC is typically found in:
* **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Industrial Electronics:** High-current power supplies and battery-powered devices.
* **Automotive:** Infotainment and LED lighting drivers.
---
### 5. Land Pattern / Footprint Example
*Note: Dimensions are usually in mm. Always refer to the manufacturer's datasheet for precise PCB layout.*
```text
[ 10.0mm ]
+------------+
| |
10.0mm| 0.82uH |
| |
+------------+
```
---
- ⤷
What is the maximum saturation current for the MLC10-R82M-RC?
- ⤷ How does a metal powder core compare to a ferrite core in terms of EMI?
- ⤷ What are the recommended reflow soldering profiles for this component?