MLC20-R33M-RC
AI

The **MLC20-R33M-RC** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part number follows a standard naming convention for electronic components, typically associated with manufacturers like **Mag.Layers**.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Description | Specific Value |
| :--- | :--- | :--- |
| **MLC** | Series Type | Molded Power Inductor (Low Profile) |
| **20** | Case Size | Refers to dimensions (approx. 2.0 x 1.6 mm) |
| **R33** | Inductance Value | 0.33 µH (Microhenries) |
| **M** | Tolerance | ±20% |
| **RC** | Compliance | RoHS Compliant |
---
### 2. Key Technical Specifications
While exact specifications can vary slightly by manufacturer, the **MLC20** series generally features the following parameters:
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Very low (typically in the range of 15-25 mΩ) to minimize power loss.
* **Saturation Current (Isat):** The current at which inductance drops by a specific percentage (usually 30%). For this size, it is typically around **4A to 6A**.
* **Heat Rating Current (Irms):** The current that causes a specific temperature rise (usually 40°C).
* **Operating Temperature:** Generally rated for **-40°C to +125°C**.
---
### 3. Construction and Material
The "MLC" series typically uses **Metal Powder Core** technology:
* **Molded Construction:** The coil is embedded in a metallic iron powder core. This provides excellent magnetic shielding and reduces "buzz" noise (acoustic noise).
* **High Density:** This design allows for a higher current carrying capacity in a smaller footprint compared to traditional ferrite drum cores.
---
### 4. Common Applications
Due to its small size and high efficiency, this inductor is found in:
1. **Smartphones and Tablets:** Powering CPU/GPU rails.
2. **Point of Load (POL) Converters:** Converting high voltage to low voltage for specific chips.
3. **SSD Drives:** Managing power in compact storage devices.
4. **Wearables:** Where PCB real estate is extremely limited.
---
### 5. Equivalent/Substitute Reference
If you are looking for a replacement, ensure the footprint (2.0 x 1.6mm) and the saturation current match or exceed these values:
```markdown
- TDK: SPM2016 series
- Murata: DFE2016 series
- Coilcraft: XEL2012 / PFL2015 series
- Vishay: IHLP-1212 series
```
- ⤷What is the difference between Saturation Current and Heat Rating Current in this inductor?
- ⤷ How does the metal powder core compare to a standard ferrite core?
- ⤷ Can I use a 0.47uH inductor as a substitute for this 0.33uH part?