MLF1608DR10MTA00
AI

The **MLF1608DR10MTA00** is a high-performance multilayer chip inductor manufactured by TDK. It is part of the MLF series, designed specifically for general signal line applications where high reliability and miniaturization are required.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.1 µH (100 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (Max)** | 0.25 Ω |
| **Rated Current** | 300 mA |
| **Self-Resonant Frequency (Min)** | 400 MHz |
| **Operating Temperature Range** | -55°C to +125°C |
| **Case Size (EIA/Metric)** | 0603 / 1608 (1.6mm x 0.8mm) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific features of this component:
* **MLF**: Series name (Multilayer Ferrite).
* **1608**: Dimensions (1.6mm length x 0.8mm width).
* **D**: Characteristic type (Standard).
* **R10**: Inductance value ($R10 = 0.10\mu H$).
* **M**: Inductance tolerance ($\pm20\%$).
* **TA00**: Packaging code (typically refers to Taping/Reel specifications).
---
### 3. Key Features and Construction
* **Multilayer Structure:** Unlike wire-wound inductors, this part is created by layering ferrite and conductive materials. This results in a solid, integrated block that is highly resistant to mechanical stress.
* **Magnetic Shielding:** The multilayer structure provides inherent magnetic shielding. This minimizes electromagnetic interference (EMI) with surrounding components, allowing for high-density mounting.
* **Reliability:** The monolithic structure ensures high reliability in wide temperature ranges, making it suitable for automotive and industrial environments.
---
### 4. Common Applications
This inductor is typically found in the following circuits:
1. **Smartphones and Tablets:** Used in signal line noise suppression.
2. **Modules:** Bluetooth, WLAN, and other RF modules.
3. **Consumer Electronics:** Digital cameras, video players, and portable game consoles.
4. **Decoupling:** Used in power supply lines to filter out high-frequency noise.
---
- ⤷
What are the main differences between multilayer and wire-wound inductors?
- ⤷ Can this part be used in automotive AEC-Q200 applications?
- ⤷ How does the DC resistance of this model affect its efficiency in power-sensitive circuits?