MLG-1C-R
AI

The **MLG-1C-R** is an electronic component primarily associated with industrial automation, specifically manufactured by **CKD Corporation**. It is a controller unit used for pneumatic actuators and indexing systems.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. General Overview
The MLG-1C-R is a **Mini Guide Controller**. It is designed to provide precise control over the movement and positioning of small pneumatic cylinders or electric actuators, often used in pick-and-place applications or high-speed assembly lines.
### 2. Technical Specifications
The following table highlights the core electronic and operational parameters of the unit:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | CKD Corporation |
| **Power Supply Voltage** | 24V DC (±10%) |
| **Current Consumption** | Approx. 100mA or less |
| **Output Type** | Relay or NPN/PNP Open Collector (Model dependent) |
| **Control Method** | Microprocessor-based digital control |
| **Response Time** | High-speed processing (< 10ms) |
| **Mounting** | DIN Rail or Screw mounting |
---
### 3. Key Electronic Functions
The electronics inside the MLG-1C-R are engineered to handle several logic functions:
* **Position Sensing:** It interfaces with magnetic proximity sensors (Reed switches or Solid-state switches) to detect the stroke end of an actuator.
* **Safety Interlocks:** Built-in logic to prevent damage from simultaneous signals or over-travel.
* **Signal Conditioning:** Converts raw sensor data into stabilized digital signals for a PLC (Programmable Logic Controller).
* **LED Indicators:** Usually features red/green LEDs on the front panel to indicate Power (PWR), Operation (RUN), and Error status.
### 4. Wiring and Connectivity
The MLG-1C-R typically utilizes a multi-pin terminal block or a dedicated connector for I/O operations:
1. **Power Terminals:** Positive (24V) and Common (0V).
2. **Input Terminals:** Connected to start switches or external triggers.
3. **Output Terminals:** Connected to solenoid valves that drive the pneumatic components.
---
### 5. Application Context
In an electronic system, the MLG-1C-R acts as the **Interface Layer** between the high-level brain (PLC) and the mechanical execution (Pneumatic Actuator). It offloads the specific timing requirements of the cylinder movement from the main controller to ensure high repeatability.
- ⤷
What are the specific wiring diagrams for NPN vs PNP configurations in this controller?
- ⤷ How do you troubleshoot a 'No Output' signal on the MLG-1C-R?
- ⤷ Is there a specific CKD sensor model recommended for use with the MLG-1C-R?