MLG-26-R/Q
AI

The **MLG-26-R/Q** typically refers to a high-performance **Magnetic Level Gauge (MLG)** transmitter or switch assembly used in industrial liquid level measurement. These devices are essential for translating the physical movement of a magnetic float inside a chamber into an electrical signal for control systems.
---
### 1. Key Electronic Components
The electronics in these units are designed to detect magnetic fields and convert them into standard industrial signals.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Reed Switch Array** | A vertical chain of hermetically sealed glass switches. | Actuated by the float's magnet to determine level position. |
| **Resistor Network** | A series of resistors (often 1/2 inch spacing). | Creates a voltage divider circuit proportional to the height. |
| **Signal Converter** | A 4-20mA or HART transmitter head. | Converts the resistance/voltage into a standard analog signal. |
| **Terminal Block** | Wiring connection points. | Connects the sensor probe to the external power supply and PLC. |
---
### 2. Technical Specifications (General)
Most MLG-26 series electronic transmitters adhere to the following electrical standards:
* **Output Signal:** 4-20 mA DC (often loop-powered).
* **Supply Voltage:** 12V to 36V DC.
* **Enclosure Rating:** Usually IP65/IP67 or NEMA 4X/7 (Explosion Proof).
* **Resolution:** Typically ±5mm to ±12.7mm (depending on reed spacing).
---
### 3. Wiring Diagram Concept
The following is a simplified representation of how the electronic probe is typically integrated into a control loop:
```mermaid
graph LR
A[DC Power Supply 24V] --> B[MLG-26-R/Q Transmitter]
B --> C[PLC / Controller]
C --> A
```
---
### 4. Comparison of R and Q Variants
While specific to the manufacturer, the suffixes usually denote the following electronic configurations:
| Suffix | Electronic Characteristic | Typical Use |
| :--- | :--- | :--- |
| **-R** | **Resistance/Reed** | Standard level measurement using a resistor ladder. |
| **-Q** | **Quick-Connect / Quality** | Often denotes an upgraded connector type (like M12) or high-speed output. |
---
### 5. Maintenance and Troubleshooting
1. **Continuity Check:** If the signal is lost, check the resistance across the loop. A "dead spot" usually indicates a failed reed switch.
2. **Calibration:** Most units are factory calibrated, but "Zero" and "Span" can often be adjusted via potentiometers or digital buttons in the transmitter head.
3. **Moisture Ingress:** Ensure the cable entry (gland) is sealed. Moisture in the electronics is the primary cause of signal drift.
- ⤷
What is the specific manufacturer for your MLG-26-R/Q unit?
- ⤷ Do you need a wiring diagram for a 4-20mA loop connection?
- ⤷ Are you experiencing a specific error or signal failure with the device?