MLP331M420EB0A
AI

The part number **MLP331M420EB0A** refers to a high-performance Aluminum Electrolytic Capacitor manufactured by **Cornell Dubilier (CDE)**. It belongs to the **MLP (Flatpack)** series, which is known for its ultra-low profile and high reliability in aerospace and military applications.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 420 VDC |
| **Capacitance Tolerance** | ±20% (indicated by 'M') |
| **Series** | MLP (Flatpack) |
| **Case Type** | EB (Square/Rectangular Flatpack) |
| **Operating Temperature** | -55°C to +105°C |
| **Life Expectancy** | Up to 50 hours at 105°C (Longer at lower temps) |
| **Construction** | Aluminum Electrolytic (Sintered) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a strict logic used by CDE:
* **MLP**: Series name (Flatpack, High Energy Density).
* **331**: Capacitance value. The first two digits (33) are significant figures, and the third (1) is the multiplier (10^1). Result: 330 µF.
* **M**: Tolerance code (±20%).
* **420**: Rated working voltage (420 Volts DC).
* **EB**: Case code (Specifies the physical dimensions, approximately 1.5" x 1.75").
* **0**: Termination style (Standard plug-in/solder lead).
* **A**: Insulation/Mounting style (typically refers to a specific wrap or mounting flange).
---
### 3. Key Advantages
The MLP series is distinguished from standard radial or axial capacitors by its unique design:
* **Flat Form Factor:** The rectangular "Flatpack" shape allows for much better space utilization on PCBs compared to traditional cylindrical cans.
* **Thermal Efficiency:** The flat sides provide a larger surface area for heat dissipation or for mounting against a heatsink/cold plate.
* **Vibration Resistance:** Due to their low profile and mounting style, they are highly resistant to mechanical shock and vibration (often rated for up to 80g).
* **Hermetic-like Seal:** While not fully hermetic, the laser-welded construction provides excellent protection against electrolyte dry-out.
---
### 4. Common Applications
Because of its high voltage (420V) and robust construction, this part is typically found in:
1. **Military/Aerospace Power Supplies:** High-voltage DC-DC converters.
2. **Bulk Storage:** Energy storage for laser pulse or strobe circuits.
3. **UPS Systems:** Uninterruptible power supplies where space is at a premium.
4. **Radar Systems:** Pulse power and filtering.
- ⤷
What are the exact physical dimensions of the 'EB' case size?
- ⤷ Are there automotive-grade equivalents for the MLP series?
- ⤷ What is the typical ESR (Equivalent Series Resistance) for this 330uF capacitor?