MLS-05W-R/E
AI

The **MLS-05W-R/E** is a specific model within the series of magnetic proximity sensors (often referred to as magnetic switches or reed switches) manufactured by companies like **Azbil (formerly Yamatake)**. These are commonly used in industrial automation to detect the position of pneumatic cylinders or moving mechanical parts.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics of the MLS-05W-R/E:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch |
| **Output Type** | SPST (Single Pole Single Throw) - Normally Open |
| **Operating Voltage** | 5V to 120V AC / 5V to 30V DC |
| **Switching Current** | 100mA (Max) |
| **Contact Capacity** | 3.5VA (Max) |
| **Internal Voltage Drop** | 2.4V or less |
| **Indicator Light** | Red LED (illuminates when activated) |
| **Response Time** | 1.0ms or less |
---
## 2. Core Electronic Components
The device functions through a combination of mechanical and solid-state indicators:
### A. The Reed Switch
The heart of the sensor is a hermetically sealed glass tube containing two ferromagnetic flexible metal contacts.
* **Action:** When a magnetic field (usually from a magnet mounted on a piston) comes close, the contacts are pulled together, completing the circuit.
* **Benefit:** Since the contacts are sealed in inert gas, they are resistant to corrosion and sparking.
### B. LED Indicator & Protection
The "R/E" suffix typically denotes the inclusion of an **Indicator Light** and specific lead wire configurations.
* **LED:** A small Light Emitting Diode is wired in series/parallel with the switch to provide visual feedback for troubleshooting.
* **Varistor/Zener Diode:** Often included internally to protect the reed contacts from voltage spikes (EMF) generated when switching inductive loads like relay coils.
### C. Wiring Configuration
The MLS-05W-R/E is generally a **2-wire** device.
* **Brown Wire:** Connects to the Positive (+) side of the load or power source.
* **Blue Wire:** Connects to the Negative (-) side or common.
---
## 3. Application Notes
### Installation Precautions
1. **Polarity:** Since it features an LED, the polarity must be observed for the light to function, even if the reed switch itself is bi-directional.
2. **Magnetic Interference:** Avoid mounting near high-voltage cables or large motors that generate electromagnetic interference (EMI), as this can cause false triggering.
3. **Current Limiting:** Ensure the load does not exceed 100mA. If driving a large motor or heater, use this sensor to trigger an intermediate relay.
---
- ⤷
What is the difference between the MLS-05W and NPN/PNP solid-state sensors?
- ⤷ How do I test if an MLS-05W-R/E sensor is faulty using a multimeter?
- ⤷ Can this sensor be used with a PLC input?