AI

The **MLS-2B-R/E** is a specific type of high-frequency **Magnetic Proximity Sensor** (often referred to as a "Door Switch" or "Actuator Unit") commonly used in industrial automation, elevator systems, and security hardware.
Below is a detailed breakdown of its electronic characteristics and components.
---
### 1. General Specifications
The MLS-2B-R/E functions primarily as a non-contact switch that reacts to the presence of a magnetic field.
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | Normally Open (NO) / Normally Closed (NC) depending on wiring |
| **Max Voltage** | 100V DC / 125V AC |
| **Max Current** | 0.5A |
| **Contact Capacity** | 10W |
| **Operating Temperature** | -10°C to +60°C |
| **Housing Material** | ABS Plastic / Resin |
---
### 2. Core Electronic Components
The internal architecture of the MLS-2B-R/E is relatively simple but precision-engineered for reliability.
#### A. Reed Switch
The heart of the device is a **hermetically sealed glass reed switch**.
- It consists of two ferromagnetic blades (reeds).
- When a magnetic field (from the actuator) is brought near, the reeds become polarized and pull together, closing the circuit.
- The "R/E" designation often implies a **Rhodium-plated** or **Ruthenium-plated** contact surface to prevent welding and ensure a high cycle life (often over 1 million operations).
#### B. Internal Resistors (Optional in some variants)
Some sub-models of the MLS-2B series include internal **End-of-Line (EOL) resistors**.
- These allow the control panel to distinguish between a "closed door," an "open door," and a "tampered/cut wire."
#### C. Protective Diode/Varistor
In versions used for inductive loads, a small internal diode may be present to prevent back-EMF (voltage spikes) from damaging the reed switch when the circuit is opened.
---
### 3. Wiring and Connection Logic
The device typically uses a multi-core cable. The "2B" designation usually refers to the contact configuration.
| Wire Color (Standard) | Function | Description |
| :--- | :--- | :--- |
| **Black** | Common (COM) | The shared terminal for the switch. |
| **White** | Normally Open (NO) | Closes when the magnet is present. |
| **Red** | Normally Closed (NC) | Opens when the magnet is present. |
---
### 4. Key Performance Factors
* **Operating Distance (Sn):** The distance at which the switch activates. For the MLS-2B, this is usually between **15mm to 25mm**.
* **Hysteresis:** The difference between the "make" point and the "break" point. This prevents "chatter" (rapid flickering) if the door or actuator vibrates.
* **Environmental Sealing:** The electronics are typically **potted in epoxy resin**, making the unit resistant to moisture, dust, and vibration.
---
### 5. Common Applications
* **Elevator Doors:** Monitoring if the inner and outer doors are aligned and locked.
* **Industrial Safety:** Ensuring machine guards are closed before a motor can start.
* **Access Control:** High-durability door position monitoring for security systems.
- ⤷
What is the difference between the MLS-2B-R and the MLS-2B-E variants?
- ⤷ How do I test the internal reed switch using a multimeter?
- ⤷ What is the recommended maximum cable length for this sensor to avoid voltage drop?