MLZ2012A3R3W
AI

The **MLZ2012A3R3W** is a high-performance multilayer chip inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits in power supply lines.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 3.3 μH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.23 Ω (±30%) |
| **Rated Current** | 450 mA (Maximum) |
| **Self-Resonant Frequency** | 60 MHz (Minimum) |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 0805 (2012 Metric) |
| **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm |
---
## 2. Key Features
* **Multilayer Structure:** Unlike wire-wound inductors, this uses a layered ceramic structure, providing better physical reliability and a smaller footprint.
* **Low DC Resistance:** Optimized for power lines to minimize energy loss and heat generation.
* **Magnetic Shielding:** The closed magnetic circuit structure reduces electromagnetic interference (EMI) with surrounding components.
* **Broadband Impedance:** Provides excellent noise suppression across a wide frequency range.
---
## 3. Naming Convention Breakdown
The part number **MLZ2012A3R3W** can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **MLZ** | Series Name (Multilayer Inductor for Power Lines) |
| **2012** | Dimensions (2.0mm x 1.25mm) |
| **A** | Characteristic Type (Standard type) |
| **3R3** | Inductance Value (3.3 μH) |
| **W** | Packaging style (Taping/Reel) |
---
## 4. Typical Applications
This inductor is commonly used in portable electronic devices where space is limited and power efficiency is critical:
1. **Smartphones & Tablets:** For decoupling power lines of application processors.
2. **Digital Cameras:** In power management modules.
3. **DC-DC Converters:** Used in low-power voltage regulation circuits.
4. **Noise Filtering:** Suppressing high-frequency noise in sensitive analog circuits.
- ⤷
What is the difference between the MLZ series and the MHQ series from TDK?
- ⤷ Can this inductor be used in high-current automotive applications?
- ⤷ What are the recommended soldering profiles for the 0805 package?