MLZ2012DR47DTD25
AI

The **MLZ2012DR47DTD25** is a high-performance multilayer inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits in power supply lines.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 0.11 Ω (110 mΩ) |
| **Rated Current (Isat)** | 800 mA |
| **Test Frequency** | 2 MHz |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (EIA)** | 0805 (Metric: 2012) |
| **Dimensions** | 2.00mm x 1.25mm x 1.25mm |
---
### 2. Part Number Breakdown
The nomenclature of the part number reveals its specific configuration:
- **MLZ**: Series name (Multilayer Inductor for Power Line).
- **2012**: Dimensions (2.0mm length x 1.25mm width).
- **D**: Characteristic type (Indicates high current/low resistance profile).
- **R47**: Inductance value (R47 = 0.47 µH).
- **D**: Tolerance (D generally refers to the specific material/design tier in this series).
- **T**: Packaging style (Taping/Reel).
- **D25**: Internal control code for specific thickness or performance refinements.
---
### 3. Key Features and Advantages
* **Multilayer Structure:** Unlike wire-wound inductors, this uses a multilayer process that allows for a compact, shielded design with no external wires.
* **Low DC Resistance:** The "D" type characteristic ensures low RDC, which minimizes power loss and heat generation during operation.
* **Magnetic Shielding:** The multilayer construction provides internal magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Current Handling:** Designed specifically to handle the ripple current requirements of DC-DC converters and power management ICs (PMICs).
---
### 4. Typical Applications
This component is commonly found in space-constrained electronic devices where power efficiency is critical:
1. **Smartphones and Tablets:** Decoupling power lines for application processors.
2. **Wearable Tech:** Power supply filtering for IoT devices.
3. **SSD Drives:** Managing power stability for high-speed memory modules.
4. **Modules:** Compact DC-DC converter modules.
- ⤷
What are the main differences between the MLZ and MLM series from TDK?
- ⤷ How does the self-resonant frequency (SRF) affect this inductor's performance?
- ⤷ Can this inductor be used for high-frequency RF signal filtering?