MLZ2012P220WT000
AI

## MLZ2012P220WT000: Electronic Component Overview
The **MLZ2012P220WT000** is a multilayer chip inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits in power lines to suppress noise.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 22 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.10 Ω (Max) |
| **Rated Current** | 100 mA (Max) |
| **Self-Resonant Frequency** | 25 MHz (Min) |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 0805 (2012 Metric) |
| **Dimensions** | 2.00mm x 1.25mm x 1.25mm |
---
### 2. Functional Characteristics
* **Multilayer Technology:** Unlike wire-wound inductors, this part is constructed using ceramic layers and internal electrodes, which provides high reliability and a compact form factor.
* **DC Superposition Properties:** The "P" type (Power) designation indicates that the inductor maintains its inductance stability even when a DC current is applied.
* **High Impedance:** It is engineered to provide high impedance across a wide frequency range, making it ideal for filtering high-frequency noise in power supply lines.
---
### 3. Applications and Usage
This component is typically used in consumer electronics, automotive infotainment, and telecommunications equipment. Typical use cases include:
1. **Decoupling:** Filtering high-frequency noise in DC-to-DC converter lines.
2. **Noise Suppression:** Reducing electromagnetic interference (EMI) in digital signal lines.
3. **Power Line Filtering:** Used in smartphones, tablets, and portable devices where PCB space is limited.
---
### 4. Part Number Breakdown
Understanding the TDK naming convention helps identify the part's features:
* **MLZ**: Multilayer inductor for power lines (Decoupling).
* **2012**: Dimensions (2.0mm length x 1.25mm width).
* **P**: Material characteristic (optimized for power).
* **220**: Inductance value (22 x 10^0 = 22 µH).
* **W**: Tolerance (±20%).
* **T000**: Packaging style (Taping/Reel).
---
- ⤷
What are the main differences between the MLZ series and the MLF series from TDK?
- ⤷ Can this inductor be used in high-current power supply applications?
- ⤷ What are the recommended soldering profiles for the 0805 metric package?