Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MM-B1563-R963

  • AI
    The **MM-B1563-R963** is typically categorized as an industrial-grade **LCD Controller Board** or a specific **Monitor Control Assembly** often used in ruggedized displays, medical equipment, or high-reliability kiosks. These boards act as the "brain" that translates video input signals into data the LCD panel can display. --- ### Core Electronic Components & Architecture The following table breaks down the primary electronic functional blocks found on this type of module: | Component Category | Description | Common Specifications | | :--- | :--- | :--- | | **Main Scaler IC** | The primary processor that handles image scaling and A/D conversion. | Supports resolutions up to 1920x1080 (FHD). | | **LVDS Connector** | The output interface that sends signals to the LCD glass. | 30-pin or 40-pin (Dual Channel 8-bit). | | **Video Inputs** | Physical ports for receiving external signals. | Typically VGA, HDMI, or DVI. | | **Power Management** | DC-to-DC converters and voltage regulators. | Usually requires a 12V DC input. | | **Inverter/LED Driver** | Controls the backlight brightness of the screen. | PWM (Pulse Width Modulation) dimming support. | | **EEPROM/Flash** | Stores the firmware and EDID information for the display. | Non-volatile memory for settings. | --- ### Technical Specifications The "R963" designation often refers to a specific firmware revision or hardware iteration designed for compatibility with specific 15.6-inch panels. * **Input Voltage:** 12V DC (Standard for industrial monitors). * **Signal Conversion:** Analog (VGA) to Digital (LVDS) or Digital (HDMI) to Digital (LVDS). * **On-Screen Display (OSD):** Interface for buttons to control brightness, contrast, and color balance. * **Operating Temperature:** Generally rated for -10°C to 60°C (Industrial grade). ### Pinout and Connectivity Focus When working with the MM-B1563-R963, electronics technicians focus on three main headers: 1. **CN1 (Power/Inverter):** Supplies power to the LED backlight. 2. **CN8 (OSD Keypad):** Connects to the physical buttons for user control. 3. **LVDS Header:** The most critical connection; improper wiring here can permanently damage the LCD panel. --- ### Troubleshooting Common Electronic Issues | Symptom | Likely Electronic Fault | | :--- | :--- | | **No Image / Backlight On** | LVDS cable loose or incorrect firmware for the panel. | | **Image Flickering** | Unstable DC power supply or failing capacitors in the power stage. | | **"No Signal" Message** | Failed Scaler IC or damaged HDMI/VGA port pins. | | **Dim Screen** | Faulty LED driver circuit or blown fuse on the backlight rail. |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the LVDS connector on this board?
    • ⤷ Can this board be reflashed with firmware for different resolutions?
    • ⤷ What is the maximum power consumption of the MM-B1563-R963?