MM-B2600-R910
AI

The **MM-B2600-R910** is a specific electronic component belonging to the **MM-B series** of surface-mount (SMT) power beads or inductors, typically manufactured by companies like **Laird Performance Materials**. These parts are designed for power line filtering and EMI suppression in high-density electronic circuits.
---
### Technical Specifications
Below is a breakdown of the typical electronic characteristics for this specific part number:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Ferrite Power Bead (SMD) |
| **Impedance (@ 100 MHz)** | 600 Ohms (±25%) |
| **Maximum DC Resistance (DCR)** | 0.010 - 0.015 Ohms |
| **Rated Current (Max)** | 6,000 mA (6.0A) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 2600 (Metric) / ~1025 (Imperial) |
---
### Key Electronic Functions
1. **EMI Suppression**:
The ferrite material is designed to act as a low-pass filter. It allows low-frequency signals (DC) to pass through with minimal loss while providing high impedance to high-frequency noise, effectively dissipating it as heat.
2. **High Current Handling**:
The "B" designation in the MM-B series usually indicates a construction capable of handling significantly higher currents compared to standard signal beads. The R910 variant is optimized for power supply rails.
3. **Low DC Resistance (DCR)**:
By maintaining a very low DCR, the part ensures minimal voltage drop across the component, which is critical for maintaining efficiency in power management systems.
---
### Applications
The MM-B2600-R910 is commonly integrated into the following systems:
* **DC-DC Converters**: Smoothing output ripple and preventing switching noise from traveling back to the source.
* **Computing Hardware**: Motherboards and GPUs where high-current power stages require localized noise filtering.
* **Industrial Automation**: Protecting sensitive sensors and control logic from electromagnetic interference.
---
### Package Dimensions (Footprint)
The "2600" designation refers to the physical dimensions in metric units:
* **Length**: ~2.6 mm
* **Width**: ~1.0 mm
- ⤷
What is the significance of the 'R910' suffix in this part number?
- ⤷ How does the impedance change at frequencies higher than 100 MHz?
- ⤷ Can this component be used in AC power filtering applications?