Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMBT1815-GR-AC3-R

  • AI
    The **MMBT1815-GR-AC3-R** is a specific variant of the 2SC1815 NPN bipolar junction transistor (BJT) in a surface-mount package. It is widely used for general-purpose switching and amplification in consumer electronics. --- ### 1. General Specifications The following table highlights the key electrical characteristics of the MMBT1815-GR-AC3-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | NPN | Bipolar Junction Transistor | - | | **Package** | SOT-23 | Surface Mount Device (SMD) | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Collector-Base Voltage** | $V_{CBO}$ | 60 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current (DC)** | $I_C$ | 150 | mA | | **Power Dissipation** | $P_D$ | 200 - 350 | mW | | **DC Current Gain ($h_{FE}$)** | $h_{FE}$ | 200 to 400 (GR Grade) | - | --- ### 2. Breakdown of the Part Number Understanding the suffix codes helps in identifying the specific performance tier: * **MMBT**: Prefix indicating a surface-mount version of a standard TO-92 transistor. * **1815**: The base model number (derived from the 2SC1815). * **GR**: Indicates the "Gain Range." The GR classification typically falls between **200 and 400**. Other grades include O (70-140) and Y (120-240). * **AC3 / R**: These are manufacturer-specific codes for packaging (Tape & Reel) and lead-free/halogen-free compliance. --- ### 3. Key Features and Applications The MMBT1815 is favored for its **low noise figure** and **high linearity**. #### Typical Use Cases: 1. **Switching**: Driving small loads like LEDs, relays, or acting as a logic level shifter (up to 150mA). 2. **Audio Amplification**: Used in the pre-amplifier stages of audio circuits due to its low noise characteristics. 3. **Signal Processing**: General purpose oscillation and signal buffering in RF or analog circuits. --- ### 4. Typical Circuit Connection Below is a simple representation of how this NPN transistor is used as a switch: ```text VCC (e.g., 5V) | [Load] | C ----+ (Collector) | B --[Resistor]-- (Base) | E ----+ (Emitter) | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the GR and Y gain classifications for this transistor?
    • ⤷ Can the MMBT1815 be used as a direct replacement for the 2N2222?
    • ⤷ What is the transition frequency (fT) of the MMBT1815?