MMBT3904-AE3-R
AI

The **MMBT3904-AE3-R** is a widely used General Purpose NPN Epitaxial Silicon Transistor. It is the surface-mount (SMD) equivalent of the classic through-hole 2N3904 transistor.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the MMBT3904-AE3-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 60 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 40 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V |
| **Collector Current (DC)** | $I_C$ | 200 | mA |
| **Total Power Dissipation** | $P_D$ | 350 | mW |
| **DC Current Gain** | $h_{FE}$ | 100 - 300 | (at 10mA) |
| **Transition Frequency** | $f_T$ | 300 | MHz |
---
### 2. Pin Configuration (SOT-23 Package)
The "AE3" suffix typically refers to the **SOT-23** package type. The pinout is standard for this series:
1. **Pin 1 (Base):** Controls the flow between Collector and Emitter.
2. **Pin 2 (Emitter):** Where the current exits the transistor.
3. **Pin 3 (Collector):** Where the current enters the transistor.
---
### 3. Core Functions
The MMBT3904-AE3-R is designed for two primary modes of operation:
#### A. Switching
It acts as a digital "on/off" switch. Because of its fast response time, it is ideal for:
* Driving LEDs or small relays.
* Pulse Width Modulation (PWM) control.
* Logic gate interfacing.
#### B. Amplification
It can amplify small AC signals or DC currents.
* **Low Noise:** Suitable for the first stages of audio pre-amplifiers.
* **High Frequency:** With a 300MHz transition frequency, it can be used in RF (Radio Frequency) oscillation and small signal amplification.
---
### 4. Part Number Breakdown
The suffixing follows specific manufacturer nomenclature (often UTC - Unisonic Technologies):
* **MMBT3904:** The core model (NPN General Purpose).
* **AE3:** Denotes the **SOT-23** package.
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
---
### 5. Common Applications
* **Signal Processing:** Shifting voltage levels between different circuit parts.
* **Inverters:** Creating logic NOT gates.
* **Sensor Interfacing:** Amplifying weak signals from sensors to be read by a Microcontroller (MCU).
- ⤷
What are the main differences between the MMBT3904 and its PNP complement
- ⤷ the MMBT3906?
- ⤷ What is the maximum operating temperature for the SOT-23 version of this transistor?
- ⤷ How do I calculate the base resistor value when using this as a switch for a 20mA LED?