MMBT3906G-AE3-R
AI

The **MMBT3906G-AE3-R** is a widely used, general-purpose **PNP Epitaxial Silicon Transistor** in a small surface-mount package. It is the PNP complement to the MMBT3904.
---
### 1. Key Specifications
The following table summarizes the primary electrical characteristics of the MMBT3906G-AE3-R:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -40 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | -40 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5.0 | V |
| **Collector Current (DC)** | $I_C$ | -200 | mA |
| **Power Dissipation** | $P_D$ | 225 | mW |
| **DC Current Gain** | $h_{FE}$ | 100 - 300 | (at 10mA) |
| **Operating Temperature** | $T_J$ | -55 to +150 | °C |
---
### 2. Physical and Packaging Details
The "AE3" suffix typically refers to the **SOT-23** package, which is standard for high-density PCB designs.
* **Package Type:** SOT-23 (Small Outline Transistor).
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Lead-Free Status:** Usually "G" indicates Halogen-free and RoHS compliant.
* **Pin Configuration:**
1. **Base** (B)
2. **Emitter** (E)
3. **Collector** (C)
---
### 3. Functional Applications
As a PNP transistor, it is primarily used for switching and amplification in low-power circuits. Common use cases include:
* **Switching:** Acting as a "high-side" switch to turn loads on and off.
* **Signal Amplification:** Boosting low-level analog signals.
* **Pulse Circuitry:** Used in oscillators and timing circuits due to its fast switching speed ($t_{on} < 35ns$).
* **Inverter Circuits:** Often paired with the MMBT3904 (NPN) for push-pull configurations.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly (e.g., UTC, Onsemi), the suffix usually follows this logic:
| Code Segment | Meaning |
| :--- | :--- |
| **MMBT3906** | Basic part number (PNP Small Signal) |
| **G** | Halogen-Free / Green material |
| **AE3** | Package code for SOT-23 |
| **R** | Tape and Reel packaging |
---
### 5. Sample Application Circuit
A simple high-side switch configuration using the MMBT3906:
```text
VCC (e.g., 5V)
|
[Emitter]
[ MMBT3906 ]----[Base]--[Resistor]--[Control Signal]
[Collector]
|
[Load]
|
GND
```
- ⤷
What is the NPN complementary part for the MMBT3906?
- ⤷ How does the SOT-23 footprint compare to a TO-92 package in terms of power dissipation?
- ⤷ What is the typical saturation voltage (VCE sat) for this transistor?