MMBT4401G-AE3-R
AI

## MMBT4401G-AE3-R Overview
The **MMBT4401G-AE3-R** is a widely used **NPN General Purpose Transistor** designed for low-power switching and amplification applications. It is the surface-mount (SMD) equivalent of the classic through-hole 2N4401 transistor.
---
### 1. Key Technical Specifications
The following table outlines the absolute maximum ratings and electrical characteristics for the MMBT4401G.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 40 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | 60 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V |
| **Continuous Collector Current** | $I_C$ | 600 | mA |
| **Total Power Dissipation** | $P_D$ | 225 - 350 | mW |
| **DC Current Gain** | $h_{FE}$ | 100 - 300 | @ 150mA |
| **Transition Frequency** | $f_T$ | 250 (min) | MHz |
---
### 2. Physical & Packaging Information
The part numbering provides specific information about the package and manufacturing standards:
* **Package Type:** **SOT-23** (Small Outline Transistor). This is a 3-lead surface mount package.
* **"G":** Indicates that the part is **Halogen-Free**.
* **"AE3":** Typically refers to the SOT-23 package code in the manufacturer’s (UTC - Unisonic Technologies) nomenclature.
* **"R":** Indicates **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 3. Pin Configuration (SOT-23)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Base** | The trigger that controls the flow between Collector and Emitter. |
| **2** | **Emitter** | The lead where the current exits (for NPN). |
| **3** | **Collector** | The lead where the current enters. |
---
### 4. Typical Applications
The MMBT4401G is highly versatile due to its high collector current ($600mA$) compared to other signal transistors like the MMBT3904 ($200mA$).
* **Switching:** Driving LEDs, small relays, or solenoids.
* **Amplification:** Audio pre-amplification and signal processing.
* **Level Shifting:** Converting logic levels between different voltage rails.
* **PWM Control:** Used in moderate-speed pulse width modulation circuits.
---
- ⤷
What are the main differences between the MMBT4401 and the MMBT3904?
- ⤷ Can this transistor be used in high-frequency RF applications?
- ⤷ What is the complementary PNP transistor for the MMBT4401G?