MMBTA43G-AE3-R
AI

### Overview of MMBTA43G-AE3-R
The **MMBTA43G-AE3-R** is a High Voltage NPN Epitaxial Silicon Transistor. It is primarily designed for high-voltage applications such as gas discharge displays, high-voltage switching, and telephony equipment.
---
### Technical Specifications
The following table outlines the key electrical characteristics and physical parameters of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 200 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 200 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V |
| **Collector Current (DC)** | $I_C$ | 500 | mA |
| **Power Dissipation** | $P_D$ | 350 | mW |
| **DC Current Gain** | $h_{FE}$ | 40 - 200 | @ $I_C=30mA$ |
| **Package Type** | SOT-23 | Surface Mount | - |
---
### Pin Configuration
The device uses a standard SOT-23 package. The pinout is typically structured as follows:
1. **Base (B)**: Controls the flow of current between collector and emitter.
2. **Emitter (E)**: The lead through which current leaves the transistor.
3. **Collector (C)**: The lead through which current enters the transistor.
---
### Key Features and Use Cases
* **High Voltage Capability:** With a $V_{CEO}$ of 200V, it is ideal for circuits where standard signal transistors would fail.
* **Surface Mount Technology (SMT):** The SOT-23 footprint is optimized for automated assembly and space-constrained PCB designs.
* **Halogen-Free:** The "G" suffix typically denotes a Green (halogen-free and RoHS compliant) part.
#### Typical Applications:
* **Telecommunications:** Line interface circuits and ringing generators.
* **Industrial Control:** High voltage sensing and switching.
* **Displays:** Driving nixie tubes or neon lamps.
---
### Part Number Breakdown (UTC Standard)
`MMBTA43G-AE3-R`
* **MMBTA43**: Part series (High Voltage NPN).
* **G**: Halogen-free/Green material.
* **AE3**: Package code for SOT-23.
* **R**: Tape and Reel packaging.
- ⤷What is the complementary PNP transistor for the MMBTA43G?
- ⤷ How does the power dissipation change with ambient temperature?
- ⤷ Can this transistor be used in high-frequency RF applications?