MMBTA56G-AE3-R
AI

The **MMBTA56G-AE3-R** is a specific surface-mount **PNP General Purpose Amplifier Transistor**. It is widely used in switching and amplification circuits where space and reliability are key factors.
---
## 1. Technical Specifications
The following table outlines the primary electrical characteristics of the device:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -80 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | -80 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -4.0 | V |
| **Collector Current (DC)** | $I_C$ | -500 | mA |
| **Power Dissipation** | $P_D$ | 225 | mW |
| **DC Current Gain** | $h_{FE}$ | 100 (Min) | @ $I_C = -100mA$ |
| **Operating Temperature** | $T_j$ | -55 to +150 | °C |
---
## 2. Key Features
- **High Voltage Rating:** With an 80V breakdown voltage, it is suitable for applications beyond standard 5V/12V logic levels.
- **Small Footprint:** It uses the **SOT-23** package, which is ideal for high-density PCB designs.
- **Halogen-Free:** The "G" in the part number often denotes "Green" or Halogen-free materials.
- **Complementary Part:** The NPN version of this transistor is typically the **MMBTA06**.
---
## 3. Part Number Breakdown (UTC Standard)
Decoding the manufacturer code (Unisonic Technologies - UTC):
* **MMBTA56**: Core part number (PNP Transistor).
* **G**: Halogen-Free and Lead-Free (Green).
* **AE3**: Package code for **SOT-23**.
* **R**: Tape & Reel packaging.
---
## 4. Typical Applications
1. **Switching:** Acting as a high-side switch for small loads (LEDs, relays).
2. **Signal Amplification:** Used in low-power audio or RF signal processing.
3. **Level Shifting:** Translating signals between different voltage domains in a circuit.
---
## 5. Pin Configuration (SOT-23)
```text
(3) Collector
|
+----+----+
| |
| |
+----+----+
| |
(1) Base (2) Emitter
```
- ⤷What is the difference between the MMBTA56 and the MMBTA06?
- ⤷ What are the recommended thermal considerations for the SOT-23 package?
- ⤷ How does the DC current gain (hFE) change with collector current?